Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40N05 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 40N05
Description  Fast Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

40N05 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  40N05 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 40N05 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
40N05
·FEATURES
·Drain Current ID= 40A@ TC=25℃
·Drain Source Voltage-
: VDSS= 50V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 0.035Ω(Max)
·Fast Switching
·APPLICATIONS
·Switching power supplies,converters,AC and DC motor controls
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
50
V
VGS
Gate-Source Voltage-Continuous
±30
V
ID
Drain Current-Continuous
40
A
IDM
Drain Current-Single Plused
100
A
PD
Total Dissipation @TC=25℃
120
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature
-55~150
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.833
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 40N05

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
40N03 A-POWER-40N03 Datasheet
106Kb / 4P
Low Gate Charge Simple Drive Requirement
40N03 A-POWER-40N03 Datasheet
56Kb / 5P
Fast Switching Characteristic
logo
List of Unclassifed Man...
40N03 ETC-40N03 Datasheet
128Kb / 6P
N CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
40N03 VBSEMI-40N03 Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
40N03. VBSEMI-40N03. Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 40N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
Fast Switching
33N10 ISC-33N10 Datasheet
67Kb / 2P
Fast Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com