Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1230 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1230
Description  12-Bit, uP Compatible, Double-Buffered D to A Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1230 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DAC1230 Datasheet HTML 10Page - National Semiconductor (TI) DAC1230 Datasheet HTML 11Page - National Semiconductor (TI) DAC1230 Datasheet HTML 12Page - National Semiconductor (TI) DAC1230 Datasheet HTML 13Page - National Semiconductor (TI) DAC1230 Datasheet HTML 14Page - National Semiconductor (TI) DAC1230 Datasheet HTML 15Page - National Semiconductor (TI) DAC1230 Datasheet HTML 16Page - National Semiconductor (TI) DAC1230 Datasheet HTML 17Page - National Semiconductor (TI) DAC1230 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Ordering Information
Part Number
Non-Linearity
Package
Temperature
Range
DAC1208LCJ
0018%
J24A Cerdip
b
40 Cto a85 C
DAC1208LCJ-1
0018%
J24A Cerdip
0 Cto a70 C
DAC1209LCJ
0024%
J24A Cerdip
b
40 Cto a85 C
DAC1210LCJ
0050%
J24A Cerdip
b
40 Cto a85 C
DAC1210LCJ-1
0050%
J24A Cerdip
0 Cto a70 C
DAC1230LCJ
0018%
J20A Cerdip
b
40 Cto a85 C
DAC1230LCJ-1
0018%
J20A Cerdip
0 Cto a70 C
DAC1231LCJ
0024%
J20A Cerdip
b
40 Cto a85 C
DAC1231LCJ-1
0024%
J20A Cerdip
0 Cto a70 C
DAC1231LCN
0024%
N20A Plastic
0 Cto a70 C
DAC1231LCWM
0024%
M20B SO
0 Cto a70 C
DAC1231LIN
0024%
N20A Plastic
b
40 Cto a85 C
DAC1232LCJ
0050%
J20A Cerdip
b
40 Cto a85 C
DAC1232LCJ-1
0050%
J20A Cerdip
0 Cto a70 C
DAC1232LCN
0050%
N20A Plastic
0 Cto a70 C
DAC1232LCWM
0050%
M20B SO
0 Cto a70 C
DAC1232LIN
0050%
N20A Plastic
b
40 Cto a85 C
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com