Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2740 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2740
Description  High-Precision Coulomb Counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2740 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2740 Datasheet HTML 1Page - Dallas Semiconductor DS2740 Datasheet HTML 2Page - Dallas Semiconductor DS2740 Datasheet HTML 3Page - Dallas Semiconductor DS2740 Datasheet HTML 4Page - Dallas Semiconductor DS2740 Datasheet HTML 5Page - Dallas Semiconductor DS2740 Datasheet HTML 6Page - Dallas Semiconductor DS2740 Datasheet HTML 7Page - Dallas Semiconductor DS2740 Datasheet HTML 8Page - Dallas Semiconductor DS2740 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS2740
2 of 15
Table 1. ORDERING INFORMATION
PART
MARKING
PIN-PACKAGE
DS2740U
DS2740
15-Bit Current Resolution,
mMAX
DS2740U/T&R
DS2740
15-Bit Current Resolution,
mMAX, Tape-and-Reel
DS2740BU
DS2740B
13-Bit Current Resolution,
mMAX
DS2740BU/T&R
DS2740B
13-Bit Current Resolution,
mMAX, Tape-and-Reel
DESCRIPTION
The DS2740 provides high-precision current-flow measurement data to support battery-capacity
monitoring in cost-sensitive applications. Current is measured bidirectionally over a dynamic range of 15
bits (DS2740U) or 13 bits (DS2740UB), with the net flow accumulated in a separate 16-bit register.
Through its 1-Wire interface, the DS2740 allows the host system read/write access to status and current
measurement registers. Each device has a unique factory-programmed 64-bit net address that allows it to
be individually addressed by the host system, supporting multibattery slot operation. The interface can be
operated with standard or overdrive timing.
Although the DS2740 is primarily intended for location on the host system, it is also suited for mounting
in the battery pack. The DS2740 and FuelPack™ algorithms, along with host measurements of
temperature and voltage, form a complete and accurate solution for estimating remaining capacity.
Figure 1. BLOCK DIAGRAM
1-WIRE
INTERFACE
AND
ADDRESS
DQ
PIO
TIMEBASE
CURRENT
ACCUMULATED
CURRENT
STATUS/CONTROL
CHIP
GROUND
SNS
IS2
VSS
IS1
15-Bit + Sign
ADC
R
IS
10 k
W
R
IS
10 k
W
VDD
FuelPack is a trademark of Dallas Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com