Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

282SCDF504B25A1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 282SCDF504B25A1
Description  Industrial 16mm size Conductive Plastic Precision Rotary Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

282SCDF504B25A1 Datasheet(HTML) 2 Page - CTS Corporation

  282SCDF504B25A1 Datasheet HTML 1Page - CTS Corporation 282SCDF504B25A1 Datasheet HTML 2Page - CTS Corporation 282SCDF504B25A1 Datasheet HTML 3Page - CTS Corporation 282SCDF504B25A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
282S Metal Shaft, Bushing Mount, Solder Lug (Faston) Terminal Formed to Rear
282U Metal Shaft, Bushing Mount, PC Terminal Formed to Front
DIMENSION : mm
STANDARD TOLERANCE :
.X (1 PLACE) : ±0.3 .XX(2 PLACE): ±0.13
DIMENSION : mm
STANDARD TOLERANCE :
.X (1 PLACE) : ±0.3 .XX(2 PLACE): ±0.13
15.9
13.9
4.3
Ø2.8±0.2
“G”
1.0±0.1
1.6±0.2
See “Shaft Trim Options”
“L”±0.4
T1
2.5±0.2
M9 X .75P or 3/8”-32 UNEF
16.25
C
±0.05
6.00
PCB LAYOUT
OPPOSITE
COMPONENT SIDE
Ø1.2
+0.2
-0 (3)
16.25±0.05
±0.05
6.00
C
17.4
T2
CTS
“A“
3.2
2
1
3
G
CLEARANCE HOLE
Ø3.0
+0.2
-0
CLOCKWISE
CIRCUIT
CCW
1
CW
WIPER
2
3
0.8
Locating Lug “G” Thickness “T1”
8 mm
9.4 mm
9.8 mm
10 mm
Thickness “T2”
4.1 mm
4.5 mm
12/5/13
2 - 4
CTS Electrocomponents
© 2013 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com