Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD150 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD150
Description  150 Watt Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD150 Datasheet(HTML) 2 Page - Recom International Power

  RACD150 Datasheet HTML 1Page - Recom International Power RACD150 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curves
RACD150
Series
LIGHTLINE
AC/DC-Converter
-30
10
-10
30
50
70
20%
40%
60%
80%
100%
Load
Ambient Temperature (°C)
90
130
100
180 220
300
20%
40%
60%
80%
100%
Load
Input Voltage (VAC) 47-63Hz
240
Ta=25°C
55
115V
230V
0
70%
Typical Characteristics
Package Style and Pinning
222.0
199.2
11.4
7.0
8.9
8.9
34.2
300±20
AC/L (Brown)
AC/N (Blue)
EARTH/PE (Green/Yellow)
68.0
300±20
+V(Red)
-V(Black)
14AWG
39.0
34.0
99.6
Tc
35±5
10±3
35±5
10±3
Constant Voltage / Constant Current Curve
Vout (max.)
0
20
40
60
80
100
120
Vout (min.)
~0.5V (max.)
Output Current (%)
www.recom-power.com
L-65
REV: 0/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Maximum Number of LED drivers per circuit breakers
Condition
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
115VAC, 1Ohm
90° phase angle
C
5
8
9
12
230VAC, 1Ohm
90° phase angle
B
4
7
8
9
C
5
13
16
19
277VAC, 1Ohm
90° phase angle
B
5
8
9
11
C
9
15
18
21



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com