Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD150-A Datasheet(PDF) 2 Page - Recom International Power

Part # RACD150-A
Description  150 Watt Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD150-A Datasheet(HTML) 2 Page - Recom International Power

  RACD150-A Datasheet HTML 1Page - Recom International Power RACD150-A Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications (measured at 115VAC / 230VAC and 25°C ambient temperature)
226
203.2
7
34.2
300±20
AC/L
AC/N
Earth (Green/Yellow)
68.0
300±20
-V
39.0
+V
52.0
4.2
200
-Dim (White)
+Dim (Blue)
88
16
tc
RACD150-A
Series
LIGHTLINE
AC/DC-Converter
90
130
100
180 220
290
20
40
60
80
100
Input Voltage (VAC)60Hz
240
Ta=25°C
Package Style and Pinning
100%
10%
10
Iout (%)
01
Vdim (V)
DC Voltage Dimming Curve
100%
10%
100%
Iout (%)
0 10%
Ddim (%)
PWM Dimming Curve
Note: Resistor dimming is only possible with a digital
potentiometer (current sink), like the RECOM REPOT
Pule: Hi = 10V, Low = 0V
Frequency: 500 - 3KHz
Isolation Resistance
100M
Ω / 500VDC at 25°C
IP Rating
IP67
Safety Standards
UL/cUL LED Lighting Safety
Report: E340696
UL8750
CE LVD Directive, Safety
Report: 12CA61289-1
EN61347-2-13
CB
Report: 11036253 001
IEC61347-2-13
Standards
EMC Compatibility
EN55015
FCC, Part 15
Harmonic Current
EN61000-3-2 Class C
EN61000-3-3
EMC Immunity
EN61000-4-2, 3, 4, 5, 6, 11
EN61547
Dimension
226*68*39mm
Weight
1.1kg
MTBF
using MIL-HDBK-217F (25°C)
200 x 10³ hours
Notes:
Note1:
Ripple and Noise are measured at 20MHZ bandwith by using a12“ twisted pair-wire terminated with 0.1uf & 47uf paralell application
Note2:
All LED Drivers may not be used without a load. They must be switched on the primary side only. Noncompliance may damage the LED
or reduce its lifetime.
www.recom-power.com
L-71
REV: 0/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Maximum Number of LED drivers per circuit breakers
Condition
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
115VAC, 1Ohm
90° phase angle
C
5
8
9
12
230VAC, 1Ohm
90° phase angle
B
4
7
8
9
C
5
13
16
19
277VAC, 1Ohm
90° phase angle
B
5
8
9
11
C
9
15
18
21



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com