Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACG150-S Datasheet(PDF) 2 Page - Recom International Power

Part # RACG150-S
Description  150 Watt Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACG150-S Datasheet(HTML) 2 Page - Recom International Power

  RACG150-S Datasheet HTML 1Page - Recom International Power RACG150-S Datasheet HTML 2Page - Recom International Power RACG150-S Datasheet HTML 3Page - Recom International Power RACG150-S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PA-2
REV.: 0/2016
www.recom-power.com
AC/DC Converter
PROTECTIONS
Parameter
Type
Value
Input Fuse
internally
T5A, slow blow
Short Circuit Protection (SCP)
continuous, Hiccup and auto recovery
Over Voltage Protection (OVP)
115% - 150% of rated output voltage, Hiccup and auto recovery
Over Load Protection (OLP)
105% - 150%,of rated output current, Hiccup and auto recovery
Over Temperature Protection (OTP)
detected on Mosfet temperature
+105°C ±5°C auto restart after cooling down to +60°C
Isolation Voltage
I/P to O/P
I/P to Case
O/P to Case
3kVAC / 1 Minute
1.5kVAC / 1 Minute
500VAC / 1 Minute
Isolation Resistance
100M
W min.
Leakage Current
I/P to O/P
I/P to Case
0.25mA min.
3.5mA min.
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm-up)
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
low line to high line, full load
±0.5% max.
Load Voltage Regulation
12Vout
24Vout, 48Vout
±2% max.
±1% max.
RACG150
Series
RACG150-24S
RACG150-12S
100Vin
115Vin
230Vin
264Vin
Load Current [%]
0
0
40
30
20
10
50
70
60
80
90
100
60
80
40
20
100
100Vin
115Vin
230Vin
264Vin
Load Current [%]
0
0
40
30
20
10
50
70
60
80
90
100
60
80
40
20
100
100%
Iout
Vadj.
80%
10.8V
21.6V
43.2V
12V
24V
48V
RACG150-12
RACG150-24
RACG150-48
13.2V
26.4V
52.8V
RACG150 = 150W max.
Efficiency vs Load
Vadj. Derating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com