Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM150-S Datasheet(PDF) 2 Page - Recom International Power

Part # RACM150-S
Description  150 Watt Enclosed Case Style Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM150-S Datasheet(HTML) 2 Page - Recom International Power

  RACM150-S Datasheet HTML 1Page - Recom International Power RACM150-S Datasheet HTML 2Page - Recom International Power RACM150-S Datasheet HTML 3Page - Recom International Power RACM150-S Datasheet HTML 4Page - Recom International Power RACM150-S Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
85
84
85
86
87
88
89
90
130 150
190 230
250
110
90
170
240
264
Input Voltage (V)
20
30
20
10
0
60
50
80
70
90 100
Load (%)
-1
-0.5
0
0.5
1
85
20
40
60
80
100
125
100
115
130
145
160
175
264
Input Voltage (V)
20
10
40
30
70
60
50
80
90 100
Load (%)
60
50
70
80
90
100
115VAC
230VAC
AC/DC Converter
MED-2
REV.: 4/2015
www.recom-power.com
Specifications (measured at TA= 25°C, 230VAC, full load and after warm-up)
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
230VAC, full load
±0.1% typ. / ±1% max.
Line Voltage Regulation
low line to high line, full load
±0.1% typ. / ±0.2% max.
Load Voltage Regulation
0% to 100% load
±0.1% typ. / ±0.5% max.
Output Voltage Trim
±10%
Transient Peak Deviation
load step from 50% - 75% change at 2.5A/µs
3% Vout max.
Transient Recovery Time
load step from 50% - 75% change at 2.5A/µs
500µs typ.
Efficiency vs. Load
Efficiency vs. Input Voltage
Load vs. Input Voltage
Deviation vs. Load
RACM150
Series
PROTECTIONS
Parameter
Condition
Value
Input Fuse
internal line and neutral
T3.15A / 250VAC, slow blow type
Short Circuit Protection (SCP)
continuous, auto-recovery
Over Load Protection (OLP)
% of Iout rated
Hiccup Mode, 115% min. / 150% max.
Over Voltage Protection (OVP)
% of Vout nominal
Latch Mode, 115% min. / 135% max.
Isolation Voltage
I/P to O/P
I/P to Chassis
O/P to Chassis
working voltage
4kVAC / 1 minute
2kVAC / 1 minute
2kVAC / 1 minute
250VAC / continuous
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com