Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2740U/T Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS2740U/T
Description  High-Precision Coulomb Counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2740U/T Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS2740U/T Datasheet HTML 7Page - Dallas Semiconductor DS2740U/T Datasheet HTML 8Page - Dallas Semiconductor DS2740U/T Datasheet HTML 9Page - Dallas Semiconductor DS2740U/T Datasheet HTML 10Page - Dallas Semiconductor DS2740U/T Datasheet HTML 11Page - Dallas Semiconductor DS2740U/T Datasheet HTML 12Page - Dallas Semiconductor DS2740U/T Datasheet HTML 13Page - Dallas Semiconductor DS2740U/T Datasheet HTML 14Page - Dallas Semiconductor DS2740U/T Datasheet HTML 15Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
DS2740
14 of 15
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD, DQ, IS1, IS2, PIO, Relative to VSS
-0.3V to +6V
Voltage on SNS, Relative to VSS
-0.3V to +6V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDECJ-STD-020A
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(2.7V
£ VDD £ 5.5V; TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
2.7
5.5
V
Data Pin
DQ
(Note 1)
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(2.7V
£ VDD £ 4.2V; TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
50
65
Active Current
IACTIVE
VDD = 5.5V
85
mA
VDD = 2.0V,
DQ = PIO = VSS
0.6
1.0
Sleep-Mode Current
ISLEEP
VDD = 4.2V,
DQ = PIO = VSS
0.9
1.25
mA
Undervoltage Sleep
Threshold
VUV
2.3
2.5
2.7
V
DS2740
1.56
Current Resolution
ILSB
DS27640B
6.25
mV
Current Full-Scale
Magnitude
IFS
51.2
mV
DS2740 (Note 2)
-3
+1
+5
Current Measurement
Offset (Auto
Calibrated)
IOERR
DS2740B (Note 2)
-2
0
+2
LSb
Current Gain Error
IGERR
-1
+1
% of
reading
Accumulated Current
Resolution
qCA
6.25
mVh
Current Sample Clock
Frequency
fSAMP
18.6
kHz
VDD = 3.5V at +25°C
-1
+1
Timebase Accuracy
tERR
-4
+4
%
Input Logic High:
OVD
VIH
(Note 1)
VDD -
0.2V
V
Input Logic High: DQ,
PIO
VIH
(Note 1)
1.5
V
Input Logic Low:
OVD
VIL
(Note 1)
VSS + 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com