Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB-0505S/E Datasheet(PDF) 1 Page - Recom International Power

Part # RB-0505S/E
Description  1 Watt SIP7 Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-0505S/E Datasheet(HTML) 1 Page - Recom International Power

  RB-0505S/E Datasheet HTML 1Page - Recom International Power RB-0505S/E Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
Derating-Graph
(Ambient Temperature)
Selection Guide
Part
Isolation
Input
Output
Output
Capacitive
Number
Voltage
Voltage
Voltage
Current
Efficiency
Load
SMD
(kVDC)
(VDC)
(VDC)
(mA)
(typ.)
(max.)
(1)
RB-3.305S/E*
1
3.3
5
200
83%
2200µF
RB-0505S/E*
1
5
5
200
84%
2200µF
RB-1205S/E*
1
12
5
200
84%
2200µF
RB-2405S/E*
1
24
5
200
81%
2200µF
* add Suffix “/H“ for 2kVDC Isolation Voltage - e.g. RB-3.305S/EH
* add Suffix “/P“ for Continuous Short Protection - e.g. RB-3.305S/EHP, RB-3.305S/EP
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±5% max.
Line Voltage Regulation
low line to high line at full load
1.2% max.
Load Voltage Regulation
Load Deviation 10% to 100%
12% typ.
Output Ripple and Noise (20MHz BW)
50mVp-p typ., 100mVp-p max.
Operating Frequency (Vin=nominal input)
20kHz min. / 90kHz max.
Efficiency
see Selection Guide
Minimum Load = 0%
Specifications valid for 10% minimum load only
Isolation Voltage
(tested for 1 second)
1000 VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC
H-Suffix
(rated for 1 minute**)
1000VAC / 60Hz
Isolation Capacitance
75pF max.
Isolation Resistance
(Viso=500V)
10G
Ω min.
Short-Circuit Protection
1 second
Operating Temperature Range
-40°C to +100°C
Storage Temperature
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
2.2g
MTBF (+25°C)
using MIL-HDBK 217F
3459 x 10³ hours
MTBF (+100°C)
using MIL-HDBK 217F
756 x 10³ hours
1 Watt SIP7
Single Output
● High Efficiency up to 84% Full Load
● Low Deviation (10% ~ 100% Load)
● 1kVDC and 2kVDC Isolation Option
● Safety Certified
● -40°C to +100°C Operating Temperature Range
● 1W SIP7 Package
Features
Unregulated
Converters
EN-60950-1 Certified
UL-60950-1 Certified
RB/E
ECONOLINE
DC/DC-Converter
Refer to Application Notes
Description The RB/E series is an unregulated DC/DC converter in standard SIP7 package style.
This series has been designed to offer exceptionally high efficiency at low loads, an extended
operating temperature range and low deviation (10% to 100%). Uses include applications
with restricted energy budget and industrial applications where a high efficiency level is
required.
with 3 year Warranty
RoHS
2011/65/EU
6/6
}DetailedInformationsee
Application Notes chapter "MTBF"
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to
our Application Notes.
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under
1 second without damage to the converter.
E358085
REV: 0/2015
E-49
www.recom-power.com


Similar Part No. - RB-0505S/E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-0505S RECOM-RB-0505S Datasheet
90Kb / 2P
ECONOLINE - DC/DC CONVERTER
RB-0505S RECOM-RB-0505S Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
RB-0505S RECOM-RB-0505S Datasheet
95Kb / 2P
High Efficiency up to 84% Full Load
RB-0505SHP RECOM-RB-0505SHP Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
RB-0505SP RECOM-RB-0505SP Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RB-0505S/E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
RE RECOM-RE Datasheet
98Kb / 2P
1 Watt SIP7 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
REM1 RECOM-REM1 Datasheet
481Kb / 5P
1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
1 Watt SIP7 Single Output
REV.: 0/2023
RYK RECOM-RYK Datasheet
752Kb / 5P
1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com