Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM150-15S/F Datasheet(PDF) 5 Page - Recom International Power

Part # RACM150-15S/F
Description  150 Watt Enclosed Case Style Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM150-15S/F Datasheet(HTML) 5 Page - Recom International Power

  RACM150-15S/F Datasheet HTML 1Page - Recom International Power RACM150-15S/F Datasheet HTML 2Page - Recom International Power RACM150-15S/F Datasheet HTML 3Page - Recom International Power RACM150-15S/F Datasheet HTML 4Page - Recom International Power RACM150-15S/F Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
48.0
10.0mm minimum
FC 109.6
101.5
116.8
40.0
3.5
33.0
Ø4.3
AC Input Connector CON1
Pin1
Line
Pin3 Neutral
Mates with
JST housing: VHR-3N
JST crimp terminals: SVH-21T-P1.1
DC Ouptut Connector CON2
Pin1,2,3 -Vout
Pin4,5,6+Vout
Mates with
JST housing: VHR-6N
JST crimp terminals: SVH-21T-P1.1
FAN Ouptut Connector CON3
Pin1
-Fan
Pin2
+Fan
Mates with
Molex housing: 22-01-1022
Molex crimp terminals: 2759
Tolerance: ±0.5mm
FC:
fixing center
Dimension Drawing (mm)
Side View
Bottom View
FAN
Rated Voltage:
12V (7-13.8)
Input Power:
0.96W typ. 1.8W max.
Speed:
6000RPM
Air Flow:
7CFM/Min.; 30dBA max.
expected Lifetime (40°C): >70khours continuous
Cable length:
55mm inlcuding connector
AC/DC Converter
MED-5
REV.: 4/2015
www.recom-power.com
Specifications (measured at TA= 25°C, 230VAC, full load and after warm-up)
RACM150
Series
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Cardboard Box
418 x 308 x 105mm
Packaging Quantity
10pcs
Storage Temperature Range
with fan
without fan
-40°C to +80°C
-40°C to +80°C
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com