Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM150-24S/F Datasheet(PDF) 3 Page - Recom International Power

Part # RACM150-24S/F
Description  150 Watt Enclosed Case Style Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM150-24S/F Datasheet(HTML) 3 Page - Recom International Power

  RACM150-24S/F Datasheet HTML 1Page - Recom International Power RACM150-24S/F Datasheet HTML 2Page - Recom International Power RACM150-24S/F Datasheet HTML 3Page - Recom International Power RACM150-24S/F Datasheet HTML 4Page - Recom International Power RACM150-24S/F Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Relative Humidity
non-condensing
5% to 95% RH
Temperature Coefficient
±0.02% / °C
Operating Temperature Range
(refer to derating graph)
without fan and with derating
with fan and with derating
-25°C to +80°C
-25°C to +80°C
Operating Altitude
5000m max.
MTBF (+25°C)
according to MIL-HDBK-217F, full load
786.1 x 103 hours
AC/DC Converter
MED-3
REV.: 4/2015
www.recom-power.com
Specifications (measured at TA= 25°C, 230VAC, full load and after warm-up)
RACM150
Series
Means of Protection
2MOPP
Leakage Current
264VAC
100µA max.
Medical Device Classification
Type BF applied device
Internal Clearance
Creepage
I/P to O/P
I/P to O/P
8mm min.
8mm min.
Isolation Resistance
500VDC
100M
W min.
Insulation Grade
Reinforced Insulation
-25
100
90
80
60 70
40
80
50
20 30
10
0
40
20
0
60
100
120
140
150
Ambient Temperature (°C)
Vin= 115VAC
RACM150-xxS/F
RACM150-xxS (xx=15, 24)
RACM-xxS (xx=12 48)
-25
100
90
80
60 70
40
80
50
20 30
10
0
40
20
0
60
100
120
140
150
Ambient Temperature (°C)
Vin= 230VAC
RACM150-xxS/F
RACM150-xxS (xx=15, 24)
RACM-xxS (xx=12 48)
Derating Graph
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
IEC/EN Medical Safety
1408016004
IEC/EN-60601-1
ANSI/AAMI Medical Safety
ES60601-1
CAN/CSA Medical Safety
C22.2 No. 60601-1
Risk Managment
1408016005
Medical Report + ISO14971 Risk Assessment
EMC Compliance
Conditions
Standard / Criterion
EMI
Conducted
CISPR 11, EN-55011, Class B
Radiated
CISPR 11, EN-55011, Class A
Conducted and Radiated
FCC18, Class B
ESD
Air ±8kV; Contact ±6kV
EN61000-4-2, Criteria A
Radiated Immunity
20V/m
EN61000-4-3, Criteria A
Fast Transient
±2kV
EN61000-4-4, Criteria A
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com