Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1089 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1089
Description  High Side Switch Utilizing Bipolar Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1089 Datasheet(HTML) 2 Page - Linear Technology

  LT1089 Datasheet HTML 1Page - Linear Technology LT1089 Datasheet HTML 2Page - Linear Technology LT1089 Datasheet HTML 3Page - Linear Technology LT1089 Datasheet HTML 4Page - Linear Technology LT1089 Datasheet HTML 5Page - Linear Technology LT1089 Datasheet HTML 6Page - Linear Technology LT1089 Datasheet HTML 7Page - Linear Technology LT1089 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1089
2
1089fa
Switch Voltage (VCC – VOUT) .................................. 30V
Logic Input Voltage (VIN – GND) ............................ 15V
Logic Input Voltage Range (VlN).. (VCC – 30V) < VIN < VCC
Ground Pin Voltage Range (GND) .. (VCC – 30V) < GND < VCC
Operating Junction Temperature Range
LT1089M Grades ................................ – 55°C to 150°C
LT1089C Grades ...................................... 0°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Consult LTC Marketing for parts specified with wider operating temperature
ranges.
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Switch Voltage (VCC – VOUT) ................................. 20V
Logic Input Voltage (VIN – GND) .............................. 5V
Logic Input Voltage Range (VlN) ......(VCC – 20V) < VIN < VCC
Ground Pin Voltage Range (GND)....(VCC – 20V) < GND < VCC
*Maximum operating specifications are the maximum recommended
operating voltages. The device is fully specified up to the maximum
operating specifications. For voltages greater than the maximum
operating specifications some device parameters may exceed the data
sheet limits.
AXI U
OPERATING
SPECIFICATIONS*
2
4
1
3
VIN
NC
GND
CASE IS
VOUT
LOGIC IN
K PACKAGE
4-LEAD TO-3 METAL CAN
BOTTOM VIEW
ORDER PART
NUMBER
LT1089MK
LT1089CK
ORDER PART
NUMBER
LT1089 • POI01
LT1089CT
T PACKAGE
5-LEAD TO-220
FRONT VIEW
LOGIC IN
VIN
VOUT
GND
NC
5
4
3
2
1
OBSOLETE PACKAGE
Consider the T Package as an Alternate Source



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com