Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2740BU/R Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2740BU/R
Description  High-Precision Coulomb Counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2740BU/R Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2740BU/R Datasheet HTML 1Page - Dallas Semiconductor DS2740BU/R Datasheet HTML 2Page - Dallas Semiconductor DS2740BU/R Datasheet HTML 3Page - Dallas Semiconductor DS2740BU/R Datasheet HTML 4Page - Dallas Semiconductor DS2740BU/R Datasheet HTML 5Page - Dallas Semiconductor DS2740BU/R Datasheet HTML 6Page - Dallas Semiconductor DS2740BU/R Datasheet HTML 7Page - Dallas Semiconductor DS2740BU/R Datasheet HTML 8Page - Dallas Semiconductor DS2740BU/R Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS2740
3 of 15
Table 2. DETAILED PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
OVD
1
1-Wire Bus Speed Control. Input logic level selects the speed of the 1-
Wire bus. Logic 1 selects overdrive (OVD) and Logic 0 selects standard
timing (STD). On a multidrop bus, all devices must operate at same
speed.
PIO
2
Programmable I/O Pin. Programmed as input or output through internal
registers. Open-drain output sufficient for LED or vibrator activation.
SNS
3
Current-Sense Resistor Input
IS2
4
Current-Sense Input. Connected to SNS through a 10kΩ resistor to
allow filtering of the current waveform by an external capacitor.
IS1
5
Current-Sense Input. Connected to VSS through a 10kΩ resistor to allow
filtering of the current waveform through an external capacitor.
VSS
6
Device Ground, Current-Sense Resistor Return. Connect directly to
the negative terminal of the battery cell.
DQ
7
Data I/O Pin. Operates bidirectionally with open-drain output driver.
Internal 1µA pulldown aids in sensing pack removal and sleep-mode
activation.
VDD
8
Power-Supply Input. Connects to system voltage supply or positive
terminal of battery cell.
Figure 2. APPLICATION EXAMPLE
DS2740
VDD
VSS
DQ
PIO
DATA
2.7V to 5.5V
System Supply
Battery Pack
Negative
Battery
Pack
Return
SNS
PIO
IS1
IS2
104
150
150
RSNS
104
System
GND
OVD
*
*
* 5.6V zener recommended for ESD protection when DATA or PIO
contacts exposed, such as a removable battery pack application
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com