Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59PW1282 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M59PW1282
Description  128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW1282 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M59PW1282 Datasheet HTML 13Page - STMicroelectronics M59PW1282 Datasheet HTML 14Page - STMicroelectronics M59PW1282 Datasheet HTML 15Page - STMicroelectronics M59PW1282 Datasheet HTML 16Page - STMicroelectronics M59PW1282 Datasheet HTML 17Page - STMicroelectronics M59PW1282 Datasheet HTML 18Page - STMicroelectronics M59PW1282 Datasheet HTML 19Page - STMicroelectronics M59PW1282 Datasheet HTML 20Page - STMicroelectronics M59PW1282 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17/24
M59PW1282
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 10, Operating
and AC Measurement Conditions. Designers
should check that the operating conditions in their
circuit match the operating conditions when rely-
ing on the quoted parameters.
Table 10. Operating and AC Measurement Conditions
Figure 10. AC Measurement I/O Waveform
Figure 11. AC Measurement Load Circuit
Table 11. Device Capacitance
Note: Sampled only, not 100% tested.
Parameter
M59PW1282
Unit
100, 120
Min
Max
VCC Read Supply Voltage
2.7
3.6
V
VPP Program/Erase Supply Voltage
11.4
12.6
V
Ambient Operating Temperature (TA)
070
°C
Load Capacitance (CL)
30
pF
Input Rise and Fall Times
10
ns
Input Pulse Voltages
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
V
AI05546
3V
0V
1.5V
AI05447
1.3V
OUT
CL
CL = 30pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
12
pF
COUT
Output Capacitance
VOUT = 0V
24
pF
CA22/Vpp
A22/VPP Capacitance
VA22/Vpp = 0V
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com