Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF340 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF340
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF340 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF340 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 50 mA
50
V
BVCBO
IC = 10 mA
50
V
BVEBO
IE = 5.0mA
4.0
V
ICES
VCES = 25V
1.0
mA
hFE
VCE = 10V
IC = 100mA
10
200
---
COB
VCB = 30 V
f = 1.0 MHz
15
pF
GPE
VCC = 13.5V
Pout = 2.0 W
f =136 MHz
10
dB
GPE
ηηηη
VCC = 27 V
Pout = 8.0 Wpk
f =136 MHz
13.0
15.0
55
dB
%
NPN SILICON RF POWER TRANSISTOR
MRF340
DESCRIPTION:
The
ASI MRF340 is Designed for
VHF Radios that use Collector
Modulation in the Driver/Final
Amplifiers to Produce an Amplitude
Modulated Signal.
FEATURES INCLUDE:
•••• Replaces Original MRF340 in Most
Applications
•••• High Gain Reduces Drive
Requirements
• Economical TO-220CE Package
MAXIMUM RATINGS
IC
1.0 A
VCES
50 V
PDISS
12.5 W @ TC = 25 °C
TSTG
-55 °C to +150 °C
θθθθ
JC
10 °C/W
PACKAGE STYLE TO-220AB (COMMON EMITTER)
1 = BASE
2 = EMITTER
3 = COLLECTOR TAB = EMITTER


Similar Part No. - MRF340

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF340 ASI-MRF340 Datasheet
63Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF340 NJSEMI-MRF340 Datasheet
87Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
eleflow technologies co...
MRF340 ELEFLOW-MRF340 Datasheet
84Kb / 2P
NPN SILICON RF POWER TRANSISTOR
logo
Advanced Semiconductor
MRF340 ASI-MRF340_07 Datasheet
63Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MRF340

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com