Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELH227M350AS2 Datasheet(PDF) 13 Page - Kemet Corporation

Part # ELH227M350AS2
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH227M350AS2 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button ELH227M350AS2 Datasheet HTML 9Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 10Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 11Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 12Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 13Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 14Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 15Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 16Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)*
RC
120 Hz 85°C
(A)
LC 20°C
5 Minutes
(mA)
Part Number
400
450
470
30 x 50
15
2.40
3.0
ELH477M400AS6(1)
400
450
470
35 x 40
15
2.40
3.0
ELH477M400AT4(1)
400
450
560
30 x 50
15
2.45
3.0
ELH567M400AS6(1)
400
450
560
35 x 45
15
2.70
3.0
ELH567M400AT5(1)
400
450
680
35 x 50
15
2.90
3.0
ELH687M400AT6(1)
420
470
120
22 x 30
20
0.95
1.0
ELH127M420AQ2(1)
420
470
150
22 x 35
20
1.05
1.3
ELH157M420AQ3(1)
420
470
150
25 x 30
20
1.05
1.3
ELH157M420AR2(1)
420
470
150
30 x 25
20
1.05
1.3
ELH157M420AS1(1)
420
470
180
22 x 40
20
1.35
1.6
ELH187M420AQ4(1)
420
470
220
22 x 45
20
1.40
1.9
ELH227M420AQ5(1)
420
470
220
22 x 50
20
1.55
1.9
ELH227M420AQ6(1)
420
470
220
25 x 40
20
1.50
1.9
ELH227M420AR4(1)
420
470
220
25 x 45
20
1.60
1.9
ELH227M420AR5(1)
420
470
270
25 x 40
20
1.50
2.3
ELH277M420AR4(1)
420
470
270
30 x 40
20
1.60
2.3
ELH277M420AS4(1)
420
470
330
25 x 45
20
1.75
2.8
ELH337M420AR5(1)
420
470
330
25 x 50
20
1.85
2.8
ELH337M420AR6(1)
420
470
330
30 x 40
20
1.75
2.8
ELH337M420AS4(1)
420
470
330
30 x 45
20
1.90
2.8
ELH337M420AS5(1)
420
470
390
30 x 45
20
1.90
3.0
ELH397M420AS5(1)
420
470
470
30 x 45
20
2.10
3.0
ELH477M420AS5(1)
420
470
470
30 x 50
20
2.20
3.0
ELH477M420AS6(1)
420
470
560
30 x 50
20
2.30
3.0
ELH567M420AS6(1)
420
470
560
35 x 45
20
2.30
3.0
ELH567M420AT5(1)
450
500
47
22 x 25
20
0.50
0.4
ELH476M450AQ1(1)
450
500
56
22 x 25
20
0.65
0.5
ELH566M450AQ1(1)
450
500
68
22 x 25
20
0.67
0.6
ELH686M450AQ1(1)
450
500
68
22 x 30
20
0.70
0.6
ELH686M450AQ2(1)
450
500
68
25 x 25
20
0.70
0.6
ELH686M450AR1(1)
450
500
82
22 x 30
20
0.80
0.7
ELH826M450AQ2(1)
450
500
82
25 x 25
20
0.80
0.7
ELH826M450AR1(1)
450
500
100
22 x 30
20
0.85
0.9
ELH107M450AQ2(1)
450
500
100
22 x 35
20
0.95
0.9
ELH107M450AQ3(1)
450
500
100
25 x 30
20
0.95
0.9
ELH107M450AR2(1)
450
500
100
30 x 25
20
0.95
0.9
ELH107M450AS1(1)
450
500
120
22 x 30
20
0.95
1.1
ELH127M450AQ2(1)
450
500
120
22 x 40
20
1.05
1.1
ELH127M450AQ4(1)
450
500
120
25 x 30
20
1.05
1.1
ELH127M450AR2(1)
450
500
120
30 x 25
20
1.05
1.1
ELH127M450AS1(1)
450
500
150
22 x 35
20
1.05
1.3
ELH157M450AQ3(1)
450
500
150
22 x 45
20
1.20
1.3
ELH157M450AQ5(1)
450
500
150
25 x 35
20
1.20
1.3
ELH157M450AR3(1)
450
500
150
30 x 30
20
1.20
1.3
ELH157M450AS2(1)
450
500
180
25 x 40
20
1.35
1.6
ELH187M450AR4(1)
450
500
180
30 x 35
20
1.35
1.6
ELH187M450AS3(1)
450
500
180
35 x 25
20
1.35
1.6
ELH187M450AT1(1)
450
500
220
22 x 45
20
1.40
2.0
ELH227M450AQ5(1)
450
500
220
25 x 50
20
1.55
2.0
ELH227M450AR6(1)
450
500
220
30 x 40
20
1.55
2.0
ELH227M450AS4(1)
450
500
220
35 x 30
20
1.55
2.0
ELH227M450AT2(1)
450
500
270
25 x 50
20
1.55
2.4
ELH277M450AR6(1)
450
500
270
30 x 45
20
1.75
2.4
ELH277M450AS5(1)
450
500
270
35 x 35
20
1.70
2.4
ELH277M450AT3(1)
450
500
330
30 x 40
20
1.75
3.0
ELH337M450AS4(1)
450
500
330
30 x 50
20
2.00
3.0
ELH337M450AS6(1)
450
500
330
35 x 40
20
2.00
3.0
ELH337M450AT4(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com