Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229N Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6229N
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229N Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6229N Datasheet HTML 13Page - STMicroelectronics L6229N Datasheet HTML 14Page - STMicroelectronics L6229N Datasheet HTML 15Page - STMicroelectronics L6229N Datasheet HTML 16Page - STMicroelectronics L6229N Datasheet HTML 17Page - STMicroelectronics L6229N Datasheet HTML 18Page - STMicroelectronics L6229N Datasheet HTML 19Page - STMicroelectronics L6229N Datasheet HTML 20Page - STMicroelectronics L6229N Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17/25
L6229
Figure 21. Overcurrent Protection Waveforms
Figure 22. tDISABLE versus CEN and REN.
Figure 23. tDELAY versus CEN.
ISOVER
IOUT
Vth(ON)
Vth(OFF)
VEN(LOW)
VDD
tOCD(ON)
tD(ON)EN
tEN(FALL)
tEN(RISE)
tDISABLE
tDELAY
tOCD(OFF)
tD(OFF)EN
VEN=VDIAG
BRIDGE
ON
OFF
OCD
ON
OFF
D02IN1383
11 0
1 0 0
1
10
10 0
1 .10
3
C EN [n F ]
R EN = 2 2 0 k Ω
R EN = 100 k Ω
R EN = 4 7 k
Ω
R EN = 3 3 k Ω
R EN = 1 0 k
Ω
11 0
1 0 0
1
10
10 0
1 .10
3
C EN [n F ]
R EN = 2 2 0 k Ω
R EN = 100 k Ω
R EN = 4 7 k
Ω
R EN = 3 3 k Ω
R EN = 1 0 k
Ω
110
100
0.1
1
10
Cen [nF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com