Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2102 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 17Page - Texas Instruments TSC2102 Datasheet HTML 18Page - Texas Instruments TSC2102 Datasheet HTML 19Page - Texas Instruments TSC2102 Datasheet HTML 20Page - Texas Instruments TSC2102 Datasheet HTML 21Page - Texas Instruments TSC2102 Datasheet HTML 22Page - Texas Instruments TSC2102 Datasheet HTML 23Page - Texas Instruments TSC2102 Datasheet HTML 24Page - Texas Instruments TSC2102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
21
ADC
VBAT
10 k
Ω
2 k
Ω
R
LDO or DC-DC
Converter
2.7 V to 3.6 V
VDD
+
−
Battery
0.5 to 6 V
Figure 17. Battery Measurement Functional Block Diagram
Battery measurement can only be done in host controlled mode.
See the section Conversion Time Calculation for the TSC2102 and subsection Non Touch Measurement Operation in this
data sheet for timing diagrams and conversion time calculations.
Auxiliary Measurement
The auxiliary voltage input (AUX) can be measured in much the same way as the battery inputs. Applications might include
external temperature sensing, ambient light monitoring for controlling the back-light, or sensing the current drawn from the
battery. The auxiliary input can also be monitored continuously in scan mode.
Auxiliary measurement can only be done in host controlled mode.
See the section Conversion Time Calculation for the TSC2102 and subsection Non Touch Measurement Operation in this
data sheet for timing diagrams and conversion time calculations.
Port Scan
If making measurements of BAT1, BAT2, and AUX is desired on a periodic basis, the port scan mode can be used. This
mode causes the TSC2102 to sample and convert both battery inputs and the auxiliary input. At the end of this cycle, the
battery and auxiliary result registers contain the updated values. Thus, with one write to the TSC2102, the host can cause
three different measurements to be made.
Port scan can only be done in host−controlled mode.
See the section Conversion Time Calculation for the TSC2102 and subsection Port Scan Operation in this data sheet for
timing diagrams and conversion time calculations.
Hardware Reset
The device requires hardware reset (active low) after power up. A hardware reset pulse initializes all the internal registers
and counters.
Hardware Power Down
The device powers down all the internal circuitry to save power. All the register contents are maintained. Some counters
maintain their value. The hardware power-down circuit also disables the pen-touch detect circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com