Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3025LSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3025LSS
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3025LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3025LSS Datasheet HTML 1Page - Diodes Incorporated DMN3025LSS Datasheet HTML 2Page - Diodes Incorporated DMN3025LSS Datasheet HTML 3Page - Diodes Incorporated DMN3025LSS Datasheet HTML 4Page - Diodes Incorporated DMN3025LSS Datasheet HTML 5Page - Diodes Incorporated DMN3025LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3025LSS
Document number: DS35746 Rev. 3 - 2
2 of 6
www.diodes.com
January 2013
© Diodes Incorporated
DMN3025LSS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
7.2
5.7
A
t<10s
TA = +25°C
TA = +70°C
ID
9.6
7.7
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
3
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
40
A
Avalanche Current (L = 0.1mH)
IAS
14.5
A
Repetitive Avalanche Energy (L = 0.1mH)
EAS
10.5
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.4
W
TA = +70°C
0.9
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
87
°C/W
t<10s
44
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.7
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
73
°C/W
t<10s
37
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±1
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.8
-
2.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
—
14
20
mΩ
VGS = 10V, ID = 10A
—
23
31
VGS = 4.5V, ID = 7.5A
Forward Transfer Admittance
|Yfs|
—
11
-
S
VDS = 5V, ID = 10A
Diode Forward Voltage
VSD
—
0.70
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
641
—
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
66
—
Reverse Transfer Capacitance
Crss
—
50
—
Gate resistance
Rg
—
2.2
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
6
—
nC
VDS = 15V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg
—
13.2
—
Gate-Source Charge
Qgs
—
1.7
—
Gate-Drain Charge
Qgd
—
2.2
—
Turn-On Delay Time
tD(on)
—
3.3
—
ns
VDD = 15V, VGS = 10V,
RG = 6Ω, ID = 1A
Turn-On Rise Time
tr
—
4.4
—
Turn-Off Delay Time
tD(off)
—
22.3
—
Turn-Off Fall Time
tf
—
5.3
—
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com