Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3032LE-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3032LE-13
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3032LE-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3032LE-13 Datasheet HTML 1Page - Diodes Incorporated DMN3032LE-13 Datasheet HTML 2Page - Diodes Incorporated DMN3032LE-13 Datasheet HTML 3Page - Diodes Incorporated DMN3032LE-13 Datasheet HTML 4Page - Diodes Incorporated DMN3032LE-13 Datasheet HTML 5Page - Diodes Incorporated DMN3032LE-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3032LE
Document number: DS36695 Rev. 2 - 2
2 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMN3032LE
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
TA = +25°C
TA = +70°C
ID
5.6
4.1
A
TC = +25°C
TC = +70°C
ID
15.4
12.1
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
1.5
A
Pulsed Drain Current (10μs pulse, duty cycle = 1%)
IDM
25
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.8
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
69
°C/W
Total Power Dissipation (Note 5)
PD
14
W
Thermal Resistance, Junction to Case (Note 5)
RθJC
8.7
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
1
—
2
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
—
22
29
mΩ
VGS = 10V, ID = 3.2A
—
27
35
VGS = 4.5V, ID = 2.8A
Forward Transfer Admittance
|Yfs|
—
7
—
S
VDS = 5V, ID = 5.8A
Diode Forward Voltage
VSD
—
0.7
1.5
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
—
498
—
pF
VDS = 15V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
—
52
—
Reverse Transfer Capacitance
Crss
—
45
—
Gate Resistnace
Rg
—
2.2
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
—
11.3
—
nC
VDS = 15V, VGS = 10V, ID = 5.8A
Gate-Source Charge
Qgs
—
1.4
—
Gate-Drain Charge
Qgd
—
2.1
—
Turn-On Delay Time
tD(on)
—
2.3
—
ns
VDS = 15V, VGS = 10V,
RL = 2.6Ω, RG = 3Ω
Turn-On Rise Time
tr
—
3.9
—
Turn-Off Delay Time
tD(off)
—
10
—
Turn-Off Fall Time
tf
—
1.9
—
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate
6 .Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com