Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7490 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 7490
Description  Decade and Binary Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

7490 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  7490 Datasheet HTML 1Page - National Semiconductor (TI) 7490 Datasheet HTML 2Page - National Semiconductor (TI) 7490 Datasheet HTML 3Page - National Semiconductor (TI) 7490 Datasheet HTML 4Page - National Semiconductor (TI) 7490 Datasheet HTML 5Page - National Semiconductor (TI) 7490 Datasheet HTML 6Page - National Semiconductor (TI) 7490 Datasheet HTML 7Page - National Semiconductor (TI) 7490 Datasheet HTML 8Page - National Semiconductor (TI) 7490 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Recommended Operating Conditions
Symbol
Parameter
DM7493A
Units
Min
Nom
Max
VCC
Supply Voltage
475
5
525
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
08
V
IOH
High Level Output Current
b
08
mA
IOL
Low Level Output Current
16
mA
fCLK
Clock Frequency
A
0
32
MHz
(Note 5)
B0
16
tW
Pulse Width
A
15
(Note 5)
B30
ns
Reset
15
tREL
Reset Release Time (Note 5)
25
ns
TA
Free Air Operating Temperature
0
70
C
’93A Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
34
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
02
04
V
Voltage
VIH e Min VIL e Max (Note 4)
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input
VCC e Max
Reset
40
Current
VI e 24V
A80
m
A
B80
IIL
Low Level Input
VCC e Max
Reset
b
16
Current
VI e 04V
A
b
32
mA
B
b
32
IOS
Short Circuit
VCC e Max
b
18
b
57
mA
Output Current
(Note 2)
ICC
Supply Current
VCC e Max (Note 3)
26
39
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
ICC is measured with all outputs open both R0 inputs grounded following momentary connection to 45V and all other inputs grounded
Note 4
QA outputs are tested at IOL e Max plus the limit value of IIL for the B input This permits driving the B input while maintaining full fan-out capability
Note 5
TA e 25 C and VCC e 5V
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com