Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229PD Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6229PD
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229PD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6229PD Datasheet HTML 15Page - STMicroelectronics L6229PD Datasheet HTML 16Page - STMicroelectronics L6229PD Datasheet HTML 17Page - STMicroelectronics L6229PD Datasheet HTML 18Page - STMicroelectronics L6229PD Datasheet HTML 19Page - STMicroelectronics L6229PD Datasheet HTML 20Page - STMicroelectronics L6229PD Datasheet HTML 21Page - STMicroelectronics L6229PD Datasheet HTML 22Page - STMicroelectronics L6229PD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
L6229
4.1 OUTPUT CURRENT CAPABILITY AND IC POWER DISSIPATION
In Figure 25 is shown the approximate relation between the output current and the IC power dissipation using
PWM current control.
For a given output current the power dissipated by the IC can be easily evaluated, in order to establish which
package should be used and how large must be the on-board copper dissipating area to guarantee a safe op-
erating junction temperature (125°C maximum).
Figure 25. IC Power Dissipation versus Output Power.
4.2 THERMAL MANAGEMENT
In most applications the power dissipation in the IC is the main factor that sets the maximum current that can
be delivered by the device in a safe operating condition. Selecting the appropriate package and heatsinking con-
figuration for the application is required to maintain the IC within the allowed operating temperature range for
the application. Figures 26, 27 and 28 show the Junction-to-Ambient Thermal Resistance values for the
PowerSO36, PowerDIP24 and SO24 packages.
For instance, using a PowerSO package with copper slug soldered on a 1.5mm copper thickness FR4 board
with 6cm2 dissipating footprint (copper thickness of 35
µm), the Rth(j-amb) is about 35°C/W. Figure 29 shows
mounting methods for this package. Using a multi-layer board with vias to a ground plane, thermal impedance
can be reduced down to 15°C/W.
Figure 26. PowerSO36 Junction-Ambient thermal resistance versus on-board copper area.
No PWM
f
SW = 30 kHz (slow decay)
Test Condition s:
Supply Voltage = 24 V
0
0.25
0.5 0.75
1
1.25
1.5
0
2
4
6
8
10
P
I
OUT
[A]
D [W]
IOUT
I1
I3
I2
IOUT
IOUT
13
18
23
28
33
38
43
12
3
4
56
7
8
9
10
1 1
1 2
13
W ithout G round La yer
W ith Gr ound La yer
W ith Gr ound La yer + 16 via
Ho le s
sq . c m
ºC / W
On-Board Copper Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com