Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4026SSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN4026SSD
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4026SSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN4026SSD Datasheet HTML 1Page - Diodes Incorporated DMN4026SSD Datasheet HTML 2Page - Diodes Incorporated DMN4026SSD Datasheet HTML 3Page - Diodes Incorporated DMN4026SSD Datasheet HTML 4Page - Diodes Incorporated DMN4026SSD Datasheet HTML 5Page - Diodes Incorporated DMN4026SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN4026SSD
Document number: DS36351 Rev. 4 - 2
4 of 6
www.diodes.com
June 2014
© Diodes Incorporated
DMN4026SSD
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
-50 -25
0
25
50
75
100 125 150
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
°
V
= 4.5V
I= 5A
GS
D
V=
V
I= 10A
GS
D
10
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
°
I= 1mA
D
I = 250µA
D
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Figure 10 Transient Thermal Resistance
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
R
= 94°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com