Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6040SSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN6040SSD
Description  Low Input Capacitance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN6040SSD Datasheet HTML 1Page - Diodes Incorporated DMN6040SSD Datasheet HTML 2Page - Diodes Incorporated DMN6040SSD Datasheet HTML 3Page - Diodes Incorporated DMN6040SSD Datasheet HTML 4Page - Diodes Incorporated DMN6040SSD Datasheet HTML 5Page - Diodes Incorporated DMN6040SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN6040SSD
0
0.5
1.0
1.5
2.0
2.5
3.0
V
, DRAIN-SOURCE VOLTAGE (V)
Fig.1 Typical Output Characteristic
DS
0
4
8
12
16
20
0
1
2
3
4
5
V
, GATE-SOURCE VOLTAGE
GS
Fig.2 Typical Transfer Characteristics
0
4
8
12
16
20
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
4
8
12
16
20
I , DRAIN-SOURCE CURRENT
D
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 4.5V
GS
V
= 10V
GS
0
0.02
0.04
0.06
0.08
0.10
0
1
2
3
4
5
6
7
8
9
10
V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 4 Typical On-Resistance vs.
Drain Current and Gate Voltage
I = 4.5A
D
I = 3.5A
D
0
4
8
12
16
20
I , DRAIN CURRENT
D
Fig. 5 Typical On-Resistance vs.
Drain Current and Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
T = -55°C
A
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
2.2
2.4
2.0
1.0
0
50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 6 On-Resistance Variation with Temperature
J
°
V
= 4.5V
I = 5A
GS
D
V
=V
I = 10A
GS
D
10
DMN6040SSD
Document number: DS35673 Rev. 4 - 2
3 of 6
www.diodes.com
August 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com