Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2102IDAR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102IDAR
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102IDAR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSC2102IDAR Datasheet HTML 9Page - Texas Instruments TSC2102IDAR Datasheet HTML 10Page - Texas Instruments TSC2102IDAR Datasheet HTML 11Page - Texas Instruments TSC2102IDAR Datasheet HTML 12Page - Texas Instruments TSC2102IDAR Datasheet HTML 13Page - Texas Instruments TSC2102IDAR Datasheet HTML 14Page - Texas Instruments TSC2102IDAR Datasheet HTML 15Page - Texas Instruments TSC2102IDAR Datasheet HTML 16Page - Texas Instruments TSC2102IDAR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
13
OPERATION—TOUCH SCREEN
A resistive touch screen works by applying a voltage across a resistor network and measuring the change in resistance
at a given point on the matrix where a screen is touched by an input stylus, pen, or finger. The change in the resistance
ratio marks the location on the touch screen.
The TSC2102 supports the resistive 4-wire configurations (see Figure 9). The circuit determines location in two coordinate
pair dimensions, although a third dimension can be added for measuring pressure.
The 4-Wire Touch Screen Coordinate Pair Measurement
A 4-wire touch screen is constructed as shown in Figure 10. It consists of two transparent resistive layers separated by
insulating spacers.
Conductive Bar
Transparent Conductor (ITO)
Bottom Side
X+
X−
Y+
Y−
Transparent Conductor (ITO)
Top Side
Insulating Material (Glass)
ITO= Indium Tin Oxide
Silver Ink
Figure 10. 4-Wire Touch Screen Construction
The 4-wire touch screen panel works by applying a voltage across the vertical or horizontal resistive network. The ADC
converts the voltage measured at the point the panel is touched. A measurement of the Y position of the pointing device
is made by connecting the X+ input to an ADC, turning on the Y drivers, and digitizing the voltage seen at the X+ input.
The voltage measured is determined by the voltage divider developed at the point of touch. For this measurement, the
horizontal panel resistance in the X+ lead does not affect the conversion due to the high input impedance of the A/D
converter.
Voltage is then applied to the other axis, and the A/D converts the voltage representing the X position on the screen. This
provides the X and Y coordinates to the associated processor.
Measuring touch pressure (Z) can also be done with the TSC2102. To determine pen or finger touch, the pressure of the
touch needs to be determined. Generally, it is not necessary to have very high performance for this test; therefore, the 8-bit
resolution mode is recommended (however, calculations are shown with the 12-bit resolution mode). There are several
different ways of performing this measurement. The TSC2102 supports two methods. The first method requires knowing
the X-plate resistance, measurement of the X-Position, and two additional cross panel measurements (Z2 and Z1) of the
touch screen (see Figure 11). Using equation 1 calculates the touch resistance:
R
TOUCH +
R
X–plate
X–position
4096
Z
2
Z
1
–1
The second method requires knowing both the X-plate and Y-plate resistance, measurement of X-Position and Y-Position,
and Z1. Using equation 2 also calculates the touch resistance:
R
TOUCH +
R
X−plate
X−position
4096
4096
Z
1
* 1
* R
Y−plate
1
*
Y−position
4096
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com