Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4610 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4610
Description  Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4610 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4610 Datasheet HTML 1Page - National Semiconductor (TI) LM4610 Datasheet HTML 2Page - National Semiconductor (TI) LM4610 Datasheet HTML 3Page - National Semiconductor (TI) LM4610 Datasheet HTML 4Page - National Semiconductor (TI) LM4610 Datasheet HTML 5Page - National Semiconductor (TI) LM4610 Datasheet HTML 6Page - National Semiconductor (TI) LM4610 Datasheet HTML 7Page - National Semiconductor (TI) LM4610 Datasheet HTML 8Page - National Semiconductor (TI) LM4610 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
16V
Control Pin Voltage (Pins 6, 9, 11, 14,
16)
V
CC
Operating Temperature Range
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Power Dissipation
1.5W
Lead Temp. (Soldering, 10 seconds)
260˚C
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage
to the device may occur. Operating Ratings indicate conditions for which the
device is functional, but do not guarantee specific performance limits.
Electrical Characteristics
V
CC=12V, TA=25˚C (unless otherwise stated)
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage Range
Pin 13
9
16
V
Supply Current
35
45
mA
Zener Regulated Output
Pin 19
Voltage
5.4
V
Current
5mA
Maximum Output Voltage
Pins 10, 15; f=1 kHz
V
CC=9V, Maximum Gain
0.8
Vrms
V
CC=12V
0.8
1.0
Vrms
Maximum Input Voltage
Pins 2, 23; f=1 kHz, V
CC = 9V
1.3
1.1
Vrms
(Note 2)
Flat Gain Response, V
CC= 12V
1.6
Vrms
Gain=−10 dB
Input Resistance
Pins 2, 23; f=1 kHz
20
30
k
Ω
Output Resistance
Pins 10, 15; f=1 kHz
20
Ω
Maximum Gain
V(Pin 14)=V(Pin 19); f=1 kHz
−2
0
2
dB
Volume Control Range
f=1 kHz
70
75
dB
Gain Tracking
f=1 kHz
Channel 1–Channel 2
0 dB through −40 dB
1
3
dB
−40 dB through −60 dB
2
dB
Balance Control Range
Pins 10, 15; f=1 kHz
1
dB
−26
−20
dB
Bass Control Range
f=40 Hz, C
b=0.39 µF
(Note 3)
V(Pin 10)=V(Pin 19)
12
15
18
dB
V(Pin 10)=0V
−12
−15
−18
dB
Treble Control Range
f= 16 kHz, C
t,=0.01 µF
(Note 3)
V(Pin 6)=V(Pin 19)
12
15
18
dB
V(Pin 6)=0V
−12
−15
−18
dB
Total Harmonic Distortion
f=1 kHz, V
IN=0.3 Vrms
Gain=0 dB
0.06
0.3
%
Gain=−30 dB
0.03
%
Channel Separation
f=1 kHz, Maximum Gain
60
75
dB
Signal/Noise Ratio
Unweighted 100 Hz–20 kHz
80
dB
Maximum Gain, 0 dB=0.3 Vrms
CCIR/ARM (Note 4)
Gain=0 dB, V
IN=0.3 Vrms
75
79
dB
Gain=−20 dB, V
IN=1.0 Vrms
72
dB
Output Noise Voltage at
CCIR/ARM (Note 4)
10
µV
Minimum Gain
Supply Ripple Rejection
200 mVrms, 1 kHz Ripple
35
-50
dB
Control Input Currents
Pins 6, 9, 11, 14, 16(V=0V)
−0.6
−2.5
µA
Frequency Response
−1 dB (Flat Response
250
kHz
20 Hz–16 kHz)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com