Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA159D Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BA159D
Description  Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BA159D Datasheet(HTML) 1 Page - Leshan Radio Company

  BA159D Datasheet HTML 1Page - Leshan Radio Company BA159D Datasheet HTML 2Page - Leshan Radio Company BA159D Datasheet HTML 3Page - Leshan Radio Company BA159D Datasheet HTML 4Page - Leshan Radio Company BA159D Datasheet HTML 5Page - Leshan Radio Company BA159D Datasheet HTML 6Page - Leshan Radio Company BA159D Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
* High surge current capability
* Fast switching for high efficiency
* Soft recovery characteristics
* Diffused junction
* High temperature soldering guaranteed:
260°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-41, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.012 oz., 0.34 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum repetitive peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature rangeTJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
BA157 thru BA159P
BA157
150
250
500
BA158
BA159D
BA159
400
1000
280
400
600
800
420
560
700
600
55
–50 to +150
BA159P
1000
700
1000
800
1000
1.0
30
15
BA159P
1.30
5.0
100
250
BA157
BA158
BA159D
BA159
Fast Switching Plastic Rectifiers
Reverse Voltage 400 to 1000V
Forward Current 1.0A
We declare that the material of product
compliance with RoHS requirements.
LESHAN RADIO COMPANY, LTD.
1/3


Similar Part No. - BA159D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BA159D GE-BA159D Datasheet
43Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Galaxy Semi-Conductor H...
BA159D BILIN-BA159D Datasheet
66Kb / 2P
FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
BA159D VISHAY-BA159D Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
logo
Rugao Dachang Electroni...
BA159D DACHANG-BA159D Datasheet
125Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Shenzhen Luguang Electr...
BA159D LUGUANG-BA159D Datasheet
174Kb / 2P
Fast Recovery Rectifiers
More results

Similar Description - BA159D

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
BA157 DACHANG-BA157 Datasheet
125Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
ERB4402 DACHANG-ERB4402 Datasheet
122Kb / 2P
Plastic fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 1.0A
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER101G DACHANG-HER101G Datasheet
171Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
BA159 LRC-BA159 Datasheet
352Kb / 3P
Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
FR105 LRC-FR105 Datasheet
199Kb / 7P
Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com