Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFMBF208 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # EFMBF208
Description  Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

EFMBF208 Datasheet(HTML) 1 Page - Leshan Radio Company

  EFMBF208 Datasheet HTML 1Page - Leshan Radio Company EFMBF208 Datasheet HTML 2Page - Leshan Radio Company EFMBF208 Datasheet HTML 3Page - Leshan Radio Company EFMBF208 Datasheet HTML 4Page - Leshan Radio Company EFMBF208 Datasheet HTML 5Page - Leshan Radio Company EFMBF208 Datasheet HTML 6Page - Leshan Radio Company EFMBF208 Datasheet HTML 7Page - Leshan Radio Company EFMBF208 Datasheet HTML 8Page - Leshan Radio Company EFMBF208 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* 2.0 A operation at TC=75°C with no thermal runaway
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
Mechanical Data
Case
: JEDEC SMB-FL molded plastic over glass Die
we declare that the material of product is halogen
Terminals
: Plated leads, solderable per
free (green epoxy compound).
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.066 g
Handling precautin
:None
Electrical Characteristic
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
EFMB
F201
EFMB
F202
EFMB
F203
EFMB
F204
EFMB
F205
EFMB
F206
EFMB
F207
EFMB
F208
Unit
Device marking code
EF201
EF202
EF203
EF204
EF205
EF206
EF207
EF208
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
at TC = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
RθJC
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
EFMB
F201
EFMB
F202
EFMB
F203
EFMB
F204
EFMB
F205
EFMB
F206
EFMB
F207
EFMB
F208
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 125°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. 8.0mm2 (.013mm thick) land areas
EFMBF201 thru EFMBF208
Surface Mount Glass Passivated Super Fast Rectifiers
Reverse Voltage 50 to 600V Forward Current 2.0A
35
2.0
50
135
25
15.0
–50 to +150
1.7
5.0
100
1.25
0.95


Similar Part No. - EFMBF208

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EFMBF208 LRC-EFMBF208_15 Datasheet
243Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
More results

Similar Description - EFMBF208

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EFM201 LRC-EFM201 Datasheet
187Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMA210 LRC-EFMA210 Datasheet
220Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
FFM201 LRC-FFM201 Datasheet
172Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2A LRC-RS2A Datasheet
386Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SF21G LRC-SF21G Datasheet
261Kb / 7P
Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMAF210 LRC-EFMAF210 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMBF201 LRC-EFMBF201 Datasheet
243Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
FFMA201 LRC-FFMA201 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
EFMAF280 LRC-EFMAF280 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
FFMA207 LRC-FFMA207 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com