Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804CD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC0804CD
Description  CMOS 8-bit A/D converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0804CD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC0804CD Datasheet HTML 4Page - NXP Semiconductors ADC0804CD Datasheet HTML 5Page - NXP Semiconductors ADC0804CD Datasheet HTML 6Page - NXP Semiconductors ADC0804CD Datasheet HTML 7Page - NXP Semiconductors ADC0804CD Datasheet HTML 8Page - NXP Semiconductors ADC0804CD Datasheet HTML 9Page - NXP Semiconductors ADC0804CD Datasheet HTML 10Page - NXP Semiconductors ADC0804CD Datasheet HTML 11Page - NXP Semiconductors ADC0804CD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Philips Semiconductors
Product data
ADC0803/0804
CMOS 8-bit A/D converters
2002 Oct 17
8
APPLICATIONS
Microprocessor Interfacing
This family of A/D converters was designed for easy microprocessor
interfacing. These converters can be memory mapped with
appropriate memory address decoding for CS (read) input. The
active-Low write pulse from the processor is then connected to the
WR input of the A/D converter, while the processor active-Low read
pulse is fed to the converter RD input to read the converted data. If
the clock signal is derived from the microprocessor system clock,
the designer/programmer should be sure that there is no attempt to
read the converter until 74 converter clock pulses after the start
pulse goes high. Alternatively, the INTR pin may be used to interrupt
the processor to cause reading of the converted data. Of course, the
converter can be connected and addressed as a peripheral (in I/O
space), as shown in Figure 12. A bus driver should be used as a
buffer to the A/D output in large microprocessor systems where the
data leaves the PC board and/or must drive capacitive loads in
excess of 100 pF. See Figure 14.
Interfacing the SCN8048 microcomputer family is pretty simple, as
shown in Figure 13. Since the SCN8048 family has 24 I/O lines, one
of these (shown here as bit 0 or port 1) can be used as the chip
select signal to the converter, eliminating the need for an address
decoder. The RD and WR signals are generated by reading from
and writing to a dummy address.
Digitizing a Transducer Interface Output
Circuit Description
Figure 15 shows an example of digitizing transducer interface output
voltage. In this case, the transducer interface is the NE5521, an
LVDT (Linear Variable Differential Transformer) Signal Conditioner.
The diode at the A/D input is used to insure that the input to the A/D
does not go excessively beyond the supply voltage of the A/D. See
the NE5521 data sheet for a complete description of the operation of
that part.
Circuit Adjustment
To adjust the full scale and zero scale of the A/D, determine the range
of voltages that the transducer interface output will take on. Set the
LVDT core for null and set the Zero Scale Scale Adjust Potentiometer
for a digital output from the A/D of 1000 000. Set the LVDT core for
maximum voltage from the interface and set the Full Scale Adjust
potentiometer so the A/D output is just barely 1111 1111.
A Digital Thermostat
Circuit Description
The schematic of a Digital Thermostat is shown in Figure 16. The
A/D digitizes the output of the LM35, a temperature transducer IC
with an output of 10 mV per
°C. With VREF/2 set for 2.56 V, this
10 mV corresponds to 1/2 LSB and the circuit resolution is 2
°C.
Reducing VREF/2 to 1.28 yields a resolution of 1 °C. Of course, the
lower VREF/2 is, the more sensitive the A/D will be to noise.
The desired temperature is set by holding either of the set buttons
closed. The SCC80C451 programming could cause the desired
(set) temperature to be displayed while either button is depressed
and for a short time after it is released. At other times the ambient
temperature could be displayed.
The set temperature is stored in an SCN8051 internal register. The
A/D conversion is started by writing anything at all to the A/D with
port pin P10 set high. The desired temperature is compared with the
digitized actual temperature, and the heater is turned on or off by
clearing setting port pin P12. If desired, another port pin could be
used to turn on or off an air conditioner.
The display drivers are NE587s if common anode LED displays are
used. Of course, it is possible to interface to LCD displays as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com