Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFMAF205 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # FFMAF205
Description  Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FFMAF205 Datasheet(HTML) 7 Page - Leshan Radio Company

  FFMAF205 Datasheet HTML 1Page - Leshan Radio Company FFMAF205 Datasheet HTML 2Page - Leshan Radio Company FFMAF205 Datasheet HTML 3Page - Leshan Radio Company FFMAF205 Datasheet HTML 4Page - Leshan Radio Company FFMAF205 Datasheet HTML 5Page - Leshan Radio Company FFMAF205 Datasheet HTML 6Page - Leshan Radio Company FFMAF205 Datasheet HTML 7Page - Leshan Radio Company FFMAF205 Datasheet HTML 8Page - Leshan Radio Company FFMAF205 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Title :
5.2、SMD Power Diode General Packing Spec
A. 7" reel
all labels will be at cathode side of reel
;
A:LRC label;
B:Environment Label
C:Halide free label
B. 13" reel
A:LRC label;
B:Environment Labe C:Halide free label
C.Tape lead: face anode side of the reel,upper side is the tape lead position. All labels are at cathode side of the reel.
DOC NO.:
WI-258
Power Diode SMD Package Packing Spec
Version: 5
Modification: 0
Page: 5
A
B
A
B
A
B
C
C
C
C
front
side



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com