Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS192 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS192
Description  54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS192 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54LS192 Datasheet HTML 1Page - National Semiconductor (TI) 54LS192 Datasheet HTML 2Page - National Semiconductor (TI) 54LS192 Datasheet HTML 3Page - National Semiconductor (TI) 54LS192 Datasheet HTML 4Page - National Semiconductor (TI) 54LS192 Datasheet HTML 5Page - National Semiconductor (TI) 54LS192 Datasheet HTML 6Page - National Semiconductor (TI) 54LS192 Datasheet HTML 7Page - National Semiconductor (TI) 54LS192 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
54LS192
DM74LS192
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Voltage
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
ts (H)
Setup Time HIGH or LOW
20
20
ns
ts (L)
Pn to PL
20
10
th (H)
Hold Time HIGH or LOW
3
3
ns
th (L)
Pn to PL
33
tw (L)
CP Pulse Width LOW
17
17
ns
tw (L)
PL Pulse Width LOW
20
20
ns
tw (H)
MR Pulse Width HIGH
15
15
ns
trec
Recovery Time MR to CP
3
3
ns
trec
Recovery Time PL to CP
10
10
ns
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output Voltage
VCC e Min IOH e Max
54LS
25
V
VIL e Max
DM74
27
VOL
Low Level Output Voltage
VCC e Min IOL e Max
54LS
04
VIH e Min
DM74
05
V
IOL e 4 mA VCC e Min
DM74
04
II
Input Current
Max
VCC e Max VI e 10V
DM54
01
mA
Input Voltage
VI e 7V
DM74
IIH
High Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
04
mA
IOS
Short Circuit
VCC e Max
54LS
b
20
b
100
mA
Output Current
(Note 2)
DM74
b
20
b
100
ICC
Supply Current
VCC e Max MR PL e GND
31
mA
Other Inputs e 45V
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com