Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFMBF208 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HFMBF208
Description  Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HFMBF208 Datasheet(HTML) 1 Page - Leshan Radio Company

  HFMBF208 Datasheet HTML 1Page - Leshan Radio Company HFMBF208 Datasheet HTML 2Page - Leshan Radio Company HFMBF208 Datasheet HTML 3Page - Leshan Radio Company HFMBF208 Datasheet HTML 4Page - Leshan Radio Company HFMBF208 Datasheet HTML 5Page - Leshan Radio Company HFMBF208 Datasheet HTML 6Page - Leshan Radio Company HFMBF208 Datasheet HTML 7Page - Leshan Radio Company HFMBF208 Datasheet HTML 8Page - Leshan Radio Company HFMBF208 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
* Ideally suited for use in very high frequency switching
* power supplies, inverters and as free wheeling diodes
* Ultrafast recovery time for high efficiency
* Excellent high temperature switching
* Soft recovery characteristics
* Cavity-free glass passivated junction
* High temperature soldering guaranteed:
* 260°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
Case
: JEDEC SMB-FL, molded plastic over glass die
Terminals
: Plated leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
we declare that the material of product is halogen
Weight
: 0.066 g
free (green epoxy compound).
Handling precautin
:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
HFMB
F201
HFMB
F202
HFMB
F203
HFMB
F204
HFMB
F205
HFMB
F206
HFMB
F207
HFMB
F208
Unit
device marking code
HF201 HF202 HF203 HF204 HF205 HF206 HF207 HF208
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum average forward rectified current
lead length at TC = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
RθJC
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
HFMB
F201
HFMB
F202
HFMB
F203
HFMB
F204
HFMB
F205
HFMB
F206
HFMB
F207
HFMB
F208
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage Tj = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. 8.0mm2 (.013mm thick) land areas
17
1.30
50
1.85
5.0
50
75
HFMBF201 thru HFMBF208
Surface Mount Glass Passivated High Efficiency Rectifiers
Reverse Voltage 50 to 1000V Forward Current 2.0A
2.0
60
135
25
–50 to +150
1.00


Similar Part No. - HFMBF208

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HFMBF208 LRC-HFMBF208_15 Datasheet
217Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers
More results

Similar Description - HFMBF208

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S2A LRC-S2A Datasheet
291Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFM201 LRC-HFM201 Datasheet
188Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFMA210 LRC-HFMA210 Datasheet
183Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMAF210 LRC-HFMAF210 Datasheet
241Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMBF201 LRC-HFMBF201 Datasheet
217Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SODHE101-SH LRC-SODHE101-SH Datasheet
315Kb / 11P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFMA290 LRC-HFMA290 Datasheet
183Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
HFMAF290 LRC-HFMAF290 Datasheet
241Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 2.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com