Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDZ2.7BT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LEDZ2.7BT1G
Description  Zener diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LEDZ2.7BT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LEDZ2.7BT1G Datasheet HTML 1Page - Leshan Radio Company LEDZ2.7BT1G Datasheet HTML 2Page - Leshan Radio Company LEDZ2.7BT1G Datasheet HTML 3Page - Leshan Radio Company LEDZ2.7BT1G Datasheet HTML 4Page - Leshan Radio Company LEDZ2.7BT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TIME:t(ms)
PRSM-TIME CHARACTERISTICS
ZENER VOLTAGE:Vz(V)
γz-Vz CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
150
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
t
PRSM
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
40
3.6
22
18
16
15
13
12
11
10
9.1
8.2
7.5
6.8
5.1
6.2
5.6
4.7
4.3
3.9
33
30
36
20
27
24
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
0
1020
3040
-5
0
5
10
15
20
25
30
35
40
AMBIENT TEMPERATURE:Ta(℃)
Pd-Ta CHARACTERISTICS
Electrical characteristic curves (Ta=25
°C)
LESHAN RADIO COMPANY, LTD.
3/5
LEDZ*BT1G SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com