Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS192M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS192M
Description  54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS192M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS192M Datasheet HTML 1Page - National Semiconductor (TI) DM74LS192M Datasheet HTML 2Page - National Semiconductor (TI) DM74LS192M Datasheet HTML 3Page - National Semiconductor (TI) DM74LS192M Datasheet HTML 4Page - National Semiconductor (TI) DM74LS192M Datasheet HTML 5Page - National Semiconductor (TI) DM74LS192M Datasheet HTML 6Page - National Semiconductor (TI) DM74LS192M Datasheet HTML 7Page - National Semiconductor (TI) DM74LS192M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characterisitcs
VCC ea05V TA ea25 C (See Section 1 for waveforms and load configurations)
RL e 2k
Symbol
Parameter
CL e 15 pF
Units
Min
Max
fmax
Maximum Count Frequency
30
MHz
tPLH
Propagation Delay
31
ns
tPHL
CPU or CPD to Qn
28
tPLH
Propagation Delay
16
tPHL
CPU to TCU
21
ns
tPLH
Propagation Delay
16
tPHL
CPD to TCD
24
tPLH
Propagation Delay
20
ns
tPHL
Pn to Qn
30
tPLH
Propagation Delay
32
tPHL
PL to Qn
30
ns
tPHL
Propagation Delay MR to Qn
25
Functional Description
The ’192 is an asynchronously presettable decade and 4-bit
binary synchronous updown (reversible) counter The op-
erating modes of the ’192 decade counter and the ’193 bi-
nary counter are identical with the only difference being the
count sequences as noted in the State Diagram Each cir-
cuit contains four masterslave flip-flops with internal gat-
ing and steering logic to provide master reset individual pre-
set count up and count down operations
Each flip-flop contains JK feedback from slave to master
such that a LOW-to-HIGH transition on its T input causes
the slave and thus the Q output to change state Synchro-
nous switching as opposed to ripple counting is achieved
by driving the steering gates of all stages from a common
Count Up line and a common Count Down line thereby
causing all state changes to be initiated simultaneously A
LOW-to-HIGH transition on the Count Up input will advance
the count by one a similar transition on the Count Down
input will decrease the count by one While counting with
one clock input the other should be held HIGH Otherwise
the circuit will either count by twos or not at all depending
on the state of the first flip-flop which cannot toggle as long
as either Clock input is LOW
The Terminal Count Up (TCU) and Terminal Count Down
(TCD) outputs are normally HIGH When a circuit has
reached the maximum count state (9 for the ’192 15 for the
’193) the next HIGH-to-LOW transition of the Count Up
Clock will cause TCU to go LOW TCU will stay LOW until
CPU goes HIGH again thus effectively repeating the Count
Up Clock but delayed by two gate delays Similarly the TCD
output will go LOW when the circuit is in the zero state and
the Count Down Clock goes LOW Since the TC outputs
repeat the clock waveforms they can be used as the clock
input signals to the next higher order circuit in a multistage
counter
TCU e Q0  Q3  CPU
TCD e Q0  Q1  Q2  Q3  CPD
Each circuit has an asynchronous parallel load capability
permitting the counter to be reset When the Parallel Load
(PL) and the Master Reset (MR) inputs are LOW informa-
tion present on the Parallel Data inputs (P0 – P3) is loaded
into the counter and appears on the outputs regardless of
the conditions of the clock inputs A HIGH signal on the
Master Reset input will disable the preset gates override
both Clock inputs and latch each Q output in the LOW
state If one of the Clock inputs is LOW during and after a
reset or load operation the next LOW-to-HIGH transition of
that Clock will be interpreted as a legitimate signal and will
be counted
State Diagram
TLF10178 – 4
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com