Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REPOT1-10 Datasheet(PDF) 2 Page - Recom International Power

Part # REPOT1-10
Description  Electronic Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REPOT1-10 Datasheet(HTML) 2 Page - Recom International Power

  REPOT1-10 Datasheet HTML 1Page - Recom International Power REPOT1-10 Datasheet HTML 2Page - Recom International Power REPOT1-10 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AC/DC Converter
L-2
REV.: 0/2015
www.recom-power.com
Specifications (measured at TA= 25°C, nominal input voltage, rated load)
REPOT
Series
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Metal
Dimensions (LxWxH)
71.0 x 71.0 x 35mm
Weight
70g
Connection
Input
Output
Screw Terinal (1.5-2.5mm²)
Screw Terinal (1.5-2.5mm²)
Mechanical Dimensions
Tolerance: ±0.5mm
71.0
35.5
Ø3.5 max.
M3
10
250~
3.5 max.
REPOT01-10
Fuse
F0.8AH250V
21.0
29.0
60.00
cut
1.0
4.0
53.50
3.0
cable input
cable input
53.50
Top View
Electronic Potentiometer
Adapter to 6mm
Bottom View



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com