Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8510ARM-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8510ARM-R2
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8510ARM-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8510ARM-R2 Datasheet HTML 10Page - Analog Devices AD8510ARM-R2 Datasheet HTML 11Page - Analog Devices AD8510ARM-R2 Datasheet HTML 12Page - Analog Devices AD8510ARM-R2 Datasheet HTML 13Page - Analog Devices AD8510ARM-R2 Datasheet HTML 14Page - Analog Devices AD8510ARM-R2 Datasheet HTML 15Page - Analog Devices AD8510ARM-R2 Datasheet HTML 16Page - Analog Devices AD8510ARM-R2 Datasheet HTML 17Page - Analog Devices AD8510ARM-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 14 of 20
SETTLING TIME
Settling time is the time it takes the output of the amplifier to
reach and remain within a percentage of its final value after a
pulse has been applied at the input. The AD8510/AD8512/
AD8513 settle to within 0.01% in less than 900 ns with a step of
0 V to 10 V in unity gain. This makes the each of the parts an
excellent choice as a buffer at the output of DACs whose settling
time is typically less than 1 µs.
In addition to their fast settling time and fast slew rate, the
AD8510/AD8512/AD8513’s low offset voltage drift and input
offset current maintain full accuracy of 12-bit converters over
the entire operating temperature range.
OVERLOAD RECOVERY TIME
Overload recovery, also known as overdrive recovery, is the time
it takes the output of an amplifier to recover from a saturated
condition to its linear region. This recovery time is particularly
important in applications where the amplifier must amplify
small signals in the presence of large transient voltages.
Figure 43 shows the positive overload recovery of the
AD8510/AD8512/AD8513. The output recovers in
approximately 200 ns from a saturated condition.
TIME (2
µs/DIV)
200mV
0V
0V
–15V
VSY = ±15V
VIN = 200mV
AV = –100
RL = 10kΩ
Figure 43. Positive Overload Recovery
The negative overdrive recovery time shown in Figure 44 is less
than 200 ns.
In addition to the fast recovery time, the AD8510/AD8512/
AD8513 show excellent symmetry of the positive and negative
recovery times. This is an important feature for transient signal
rectification, because the output signal is kept equally undis-
torted throughout any given period.
TIME (2
µs/DIV)
–200mV
0V
0V
+15V
VSY = ±15V
AV = –100
RL = 10kΩ
Figure 44. Negative Overload Recovery
CAPACITIVE LOAD DRIVE
The AD8510/AD8512/AD8513 are unconditionally stable at all
gains in inverting and noninverting configurations. They are
capable of driving up to 1000 pF of capacitive loads without
oscillation in unity gain, the worst-case configuration.
However, as with most amplifiers, driving larger capacitive loads
in a unity gain configuration may cause excessive overshoot and
ringing or even oscillation. A simple snubber network reduces
the amount of overshoot and ringing significantly. The advan-
tage of this configuration is that the output swing of the ampli-
fier is not reduced, because RS is outside the feedback loop.
7
4
6
AD8510
200mV
RS
CS
CL
VOUT
V+
V–
Figure 45. Snubber Network Configuration
Figure 46 shows a scope photograph of the output of the
AD8510/AD8512/AD8513 in response to a 400 mV pulse. The
circuit is configured in positive unity gain (worst-case) with a
load experience of 500 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com