Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI3-0505S Datasheet(PDF) 2 Page - Recom International Power

Part # RI3-0505S
Description  3 Watt SIP4 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI3-0505S Datasheet(HTML) 2 Page - Recom International Power

  RI3-0505S Datasheet HTML 1Page - Recom International Power RI3-0505S Datasheet HTML 2Page - Recom International Power RI3-0505S Datasheet HTML 3Page - Recom International Power RI3-0505S Datasheet HTML 4Page - Recom International Power RI3-0505S Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
-10%
+10%
Operating Frequency
nominal Vin
20kHz
40kHz
Minimum Load (3)
0%
Output Ripple and Noise (4)
20MHz BW
50mVp-p
100mVp-p
ECO-2
REV.: 0/2016
www.recom-power.com
REGULATIONS
Parameter
Condition
Values
Output Voltage Accuracy
5Vout
all other
3% min. / ±4% typ.
2% min. / ±3% typ.
Line Voltage Regulation
low line to high line, load @1% of Vin
±1.2% max.
Load Voltage Regulation
10% to 100% load
5Vout
all other
±8% typ. / ±10% max.
±6% typ. / ±10% max.
continued on next page
RI3
Series
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
Efficiency vs. Load
0505
0509
0512
0515
1205
1209
1212
1215
1505
1509
1512
1515
2405
2409
2412
2415
Output Load [%]
0
0
20
40
60
80
100
20
40
60
80
100
Output Load [%]
0
0
20
40
60
80
100
20
40
60
80
100
Output Load [%]
0
0
20
40
60
80
100
20
40
60
80
100
Output Load [%]
0
0
20
40
60
80
100
20
40
60
80
100
RI3-05xxS
RI3-15xxS
RI3-12xxS
RI3-24xxS
Notes:
Note3: Operation below no load won‘t harm the converter, but specifications may not be met.
Note4: Measurements are made with a 100nF MLCC across output. (low ESR).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com