Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-0505S/H6 Datasheet(PDF) 4 Page - Recom International Power

Part # RK-0505S/H6
Description  1 Watt SIP7 Single and Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RK-0505S/H6 Datasheet(HTML) 4 Page - Recom International Power

  RK-0505S/H6 Datasheet HTML 1Page - Recom International Power RK-0505S/H6 Datasheet HTML 2Page - Recom International Power RK-0505S/H6 Datasheet HTML 3Page - Recom International Power RK-0505S/H6 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RK/H6 & RH/H6
Series
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Potting Material
non-conductive black plastic
UL94V-0, Epoxy
Package Dimension (LxWxH)
19.6 x 10.2 x 7.0mm
Package Weight
2.7g typ.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Tube
520 x 9.3 x 16.5mm
Packaging Quantity
25pcs
Storage Temperature Range
-55°C to +125°C
ECO-4
REV.: 1/2015
www.recom-power.com
Dimension Drawing (mm)
Tube Dimension Drawing (mm)
RK-xxyyS/H6 Series
****
RH-xxyyD/H6 Series
****
Bottom View
Top View
0.51
7.0
1.00 Ø +0.15/-0
19.6
embossed Logo
6x2.54=15.24
3x2.54=7.62
2.0
2.54
1 2
5 6 7
1 2
5
7
Marking
Recommended Footprint Details
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Com
7
+Vout
+Vout
Tolerance: xx.x= ±0.50mm
xx.xx= ±0.25mm
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
9.3±0.5
4.9±0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com