Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPAC02F1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPAC02F1
Description  RF DETECTOR FOR POWER AMPLIFIER CONTROL WITH INTERNAL TEMPERATURE COMPENSATION IPADTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPAC02F1 Datasheet(HTML) 1 Page - STMicroelectronics

  STPAC02F1 Datasheet HTML 1Page - STMicroelectronics STPAC02F1 Datasheet HTML 2Page - STMicroelectronics STPAC02F1 Datasheet HTML 3Page - STMicroelectronics STPAC02F1 Datasheet HTML 4Page - STMicroelectronics STPAC02F1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPAC02F1
®
October 2003 - Ed: 1
Flip-Chip package
GND
RFin
GND
GND
GND
VBias
OUT
Not
used
32
1
A
B
C
PIN CONFIGURATION (ball side)
The use of IPAD technology allows the RF
front-end designer to save PCB area and to
drastically suppress the parasitic inductances.
BENEFITS
RF DETECTOR FOR POWER AMPLIFIER CONTROL
WITH INTERNAL TEMPERATURE COMPENSATION
IPADTM
0.8 to 2.5GHz frequency range
Detection diode voltage drop compensation
Temperature compensation
Fast response time
Low Power consumption
Chip Scale device
Low parasitic impedance
MAIN PRODUCT CHARACTERISTICS
The STPAC02F1 is an integrated RF detector for
power control chain. It has been developed to
convert the RF signal coming from the external
coupler into a DC signal usable by the mobile
digital stage. It is based on the use of two similar
diodes, one assuming the signal detection while
the second one is used to compensate the ambient
temperature effect. A biasing stage suppresses
the detection diode drop voltage effect. The use of
the IPAD technology allows the RF front-end
designer to save PCB area and to drastically
suppress the parasitic inductances of the package.
Target applications are cellular phones and PDA
using GSM, DCS, PCS, AMPS, TDMA , CDMA
and 800MHz to 2100MHz frequency ranges.
DESCRIPTION
TM : IPAD is a trademark of STMicroelectronics.
Coupler
Antenna
GND
STPAC02F1
RF input
DC output
OUT
VBIAS
Bias voltage
Low pass
filter
Thermal
compensation
RF detector
FUNCTIONAL DIAGRAM


Similar Part No. - STPAC02F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPAC01F1 STMICROELECTRONICS-STPAC01F1 Datasheet
87Kb / 6P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
Jan-2003
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
66Kb / 7P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
21-Oct-2004
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
96Kb / 7P
IPAD TM, RF detector for power amplifier control
29-Apr-2008
STPAC01F2 STMICROELECTRONICS-STPAC01F2_08 Datasheet
96Kb / 7P
IPAD TM, RF detector for power amplifier control
29-Apr-2008
More results

Similar Description - STPAC02F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPAC01F1 STMICROELECTRONICS-STPAC01F1 Datasheet
87Kb / 6P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
Jan-2003
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
66Kb / 7P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
21-Oct-2004
STPAC01F2 STMICROELECTRONICS-STPAC01F2_08 Datasheet
96Kb / 7P
IPAD TM, RF detector for power amplifier control
29-Apr-2008
logo
Maxim Integrated Produc...
MAX2209A MAXIM-MAX2209A Datasheet
1Mb / 7P
RF Power Detector with Shutdown Control
Rev 0; 9/10
logo
Leshan Radio Company
LR4558 LRC-LR4558_15 Datasheet
255Kb / 7P
Internal Frequency Compensation
logo
Advanced Monolithic Sys...
AMS2596 ADMOS-AMS2596 Datasheet
744Kb / 15P
Internal compensation
logo
Unisonic Technologies
UCS1604SL-D08-T UTC-UCS1604SL-D08-T Datasheet
274Kb / 7P
Internal Slope Compensation
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
Designed for accurate temperature measurement, control and compensation
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
Amplifier with Power Detector
Mar-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com