Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM3-243.3SW Datasheet(PDF) 4 Page - Recom International Power

Part # REM3-243.3SW
Description  3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM3-243.3SW Datasheet(HTML) 4 Page - Recom International Power

  REM3-243.3SW Datasheet HTML 1Page - Recom International Power REM3-243.3SW Datasheet HTML 2Page - Recom International Power REM3-243.3SW Datasheet HTML 3Page - Recom International Power REM3-243.3SW Datasheet HTML 4Page - Recom International Power REM3-243.3SW Datasheet HTML 5Page - Recom International Power REM3-243.3SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC/DC Converter
MED-4
REV.: 05/2016
www.recom-power.com
ENVIRONMENTAL
Parameter
Condition
Value
Relative Humidity
5% to 95% RH
Temperature Coefficient
±0.02% / °C
Thermal Impedance
natural convection (20LFM)
18°C / W
max. Case Temperature Range
max. Ambient Temperature Range
-40°C to +105°C
see calculation example
MTBF (+25°C)
according to MIL-HDBK-217F, full load
6444 x 103 hours
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
REM3
Series
Isolation Voltage
I/P to O/P
working voltage
5kVAC / 1 minute
250VAC / continuous
Means of Protection
2MOPP
Leakage Current
240VAC, 60Hz
2µA
Medical Device Classification
Type CF applied device (design to meet)
Internal Clearance
Creepage
I/P to O/P
I/P to O/P
8mm
8mm
External Clearance
Creepage
I/P to O/P, Single Output
I/P to O/P,
Dual Output
I/P to O/P, Single Output
I/P to O/P,
Dual Output
>19.72mm
>14.64mm
>19.72mm
>14.64mm
Isolation Capacitance
12pF typ. / 17pF max.
Insulation Grade
Reinforced Insulation
Notes:
Note5:
This Power module is not internally fused. A input line fuse must be always used.
Recomended Fuse:
2:1 Input Voltage
Fuse (slow blow)
5V
T1.25A
12V
T0.63A
24V
T0.315A
48V
T0.315A
4:1 Input Voltage
Fuse (slow blow)
24V
T0.63A
48V
T0.315A
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
CB Medical Safety
E314885-A6
IEC-60601-1
1409015
Medical Report + ISO14971 Risk Assessment
ANSI/AAMI
E314885-A6
ES60601-1
CAN/CSA Medical
E314885-A6
C22.2 No. 60601-1:08
Certificate Type (Others)
Conditions
Standard / Criterion
EMI Standard (7)
Conducted
CISPR 11, EN55011, Class A, B
Radiated
CISPR 11, EN55011, Class A, B
Conducted and Radiated
FCC18
ESD
Air ±8kV; Contact ±6kV
EN61000-4-2, Criteria A
Radiated Immunity
10V/m
EN61000-4-3, Criteria A
Fast Transient (6)
±2kV
EN61000-4-4, Criteria A
Surge (6)
±2kV
EN61000-4-5, Criteria A
Conducted Immunity
20Vr.m.s
EN61000-4-6, Criteria A
continued on next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com