Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM3-2405SW Datasheet(PDF) 1 Page - Recom International Power

Part # REM3-2405SW
Description  3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM3-2405SW Datasheet(HTML) 1 Page - Recom International Power

  REM3-2405SW Datasheet HTML 1Page - Recom International Power REM3-2405SW Datasheet HTML 2Page - Recom International Power REM3-2405SW Datasheet HTML 3Page - Recom International Power REM3-2405SW Datasheet HTML 4Page - Recom International Power REM3-2405SW Datasheet HTML 5Page - Recom International Power REM3-2405SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CTRL Option (4)
Pinning (3)
Input Type (2)
Output Power
Input Voltage (1)
Output Voltage
Single or Dual
Model Numbering
REM 3- __ __ __ __ / __ __
Notes:
Note1: for 4:1 Input Voltage Type add “W”, see Note 2.
2:1
4:1 “W”
xx= 4.5-9 Vin =
“05”
xx= 9-36Vin
=
“24”
xx= 9-18Vin
=
“12”
xx= 18-75Vin =
“48”
xx= 18-36Vin =
“24”
xx= 36-75Vin =
“48”
Note2: Blank for Standard 2:1 Input Voltage Range; „W“ suffix for 4:1 Input Voltage Range
Note3: „A“ suffix for A pinning; „C“ suffix for C pinning, for more details refer to Package Style and Pinning
Note4: „CTRL“ suffix for control pin option, for A pinning only, for C pinning not aviable
Examples:
REM3-0512D/A
=
2:1 Input, 4.5-9Vin,
±12Vout, pinout „A“, without control pin
REM3-1215S/C
=
2:1 Input, 9-18Vin,
15Vout,
pinout „C“, without control pin
REM3-4815SW/A/CTRL
=
4:1 Input, 36-75Vin, 15Vout,
pinout „A“ with control pin
REM3-243.3SW/C
=
4:1 Input, 9-36Vin,
3.3Vout,
pinout „C“, without control pin
MED-1
REV.: 05/2016
www.recom-power.com
Refer to Applications Notes
3 Watt
2:1 & 4:1
DIP24
Single and Dual
Output
DC/DC Converter
Features
Regulated
Converters
• Reinforced Insulation for 250VAC Working Voltage
• Clearance and Creepage Distance: 8mm
• 5kVAC I/P to O/P 2MOPP Isolation
• 2µA Patient Leakage Current
• Industry Standard Pinout
• 2:1 and 4:1 Wide Input Range
REM3
2MOPP
250VAC
Description
The REM3 series of medical grade regulated DC/DC converters features reinforced 5kVAC/1 minute
isolation with low 2µA leakage and are 60601-1 3rd Ed. certified for 250VAC continuous working. The
compact DIP24 package offers tightly regulated single and dual outputs, even under no-load conditions.
The outputs are short circuit and overload protected. The converters are available in two different pin-
ning options and optionally with an external control pin for standby consumption as low as 12.5mW. The
converters are fully certified to CB, IEC/EN and ANSI/AAMI standards and carry the CE and UL marks.
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load
(VDC)
(VDC)
(mA)
(%)
(µF)
REM3-xx3.3S/ (3,4) 4.5-9 / 9-18 / 18-36 / 36-75
3.3
1000
81 /82 /82 / 81
1050
REM3-xx05S/ (3,4) 4.5-9 / 9-18 / 18-36 / 36-75
5
600
84.5 / 84.5 / 84.5 / 84
780
REM3-xx12S/ (3,4) 4.5-9 / 9-18 / 18-36 / 36-75
12
250
85.5 / 87 / 87 / 87
130
REM3-xx15S/ (3,4) 4.5-9 / 9-18 / 18-36 / 36-75
15
200
87.5 / 87 / 87 / 86.5
100
REM3-xx24S/ (3,4) 4.5-9 / 9-18 / 18-36 / 36-75
24
125
85.5 / 87 / 87 / 86.5
39
REM3-xx05D/ (3,4) 4.5-9 / 9-18 / 18-36 / 36-75
±5
±300
83 / 83.5 / 83 / 83
±430
REM3-xx12D/ (3,4) 4.5-9 / 9-18 / 18-36 / 36-75
±12
±125
86 / 87.5 / 86 / 86
±75
REM3-xx15D/ (3,4) 4.5-9 / 9-18 / 18-36 / 36-75
±15
±100
86 / 86.5 / 86 / 86
±56
REM3-xx3.3SW/ (3,4)
9-36 / 18-75
3.3
1000
82 /81
1050
REM3-xx05SW/ (3,4)
9-36 / 18-75
5
600
84.5 / 84
750
REM3-xx12SW/ (3,4)
9-36 / 18-75
12
250
87 / 87
130
REM3-xx15SW/ (3,4)
9-36 / 18-75
15
200
87 / 86.5
100
REM3-xx24SW/ (3,4)
9-36 / 18-75
24
125
87 / 86.5
39
REM3-xx05DW/ (3,4)
9-36 / 18-75
±5
±300
83 / 83
±430
REM3-xx12DW/ (3,4)
9-36 / 18-75
±12
±125
87 / 86
±75
REM3-xx15DW/ (3,4)
9-36 / 18-75
±15
±100
86 / 86
±56
5 YEAR
warranty
5
E314885
IEC-60601-1 Certified
ES-60601-1 Certifed
EN-55011 Certified
EN-55022 Certified


Similar Part No. - REM3-2405SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
logo
M-System Co.,Ltd.
REM3 MSYSTEM-REM3 Datasheet
79Kb / 2P
PRECISION RESISTOR MODULE
logo
Recom International Pow...
REM3.5E RECOM-REM3.5E Datasheet
1Mb / 8P
DC/DC Converter
REM3.5E-1212DR3A45 RECOM-REM3.5E-1212DR3A45 Datasheet
1Mb / 8P
DC/DC Converter
REM3.5E-1212DRA45 RECOM-REM3.5E-1212DRA45 Datasheet
1Mb / 8P
DC/DC Converter
More results

Similar Description - REM3-2405SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
2 Watt DIP24 Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
3 Watt DIP24 & SMD Single & Dual Output
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
3 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
3 Watt 2:1 regulated single & dual output
logo
Recom International Pow...
REM6-053.3S RECOM-REM6-053.3S Datasheet
471Kb / 6P
6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM10-053.3S RECOM-REM10-053.3S Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
30 Watt 4:1 Input 2 x 1 Single and Dual Output
RP03-RAW RECOM-RP03-RAW Datasheet
878Kb / 9P
3 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com