Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM3-2412SW Datasheet(PDF) 2 Page - Recom International Power

Part # REM3-2412SW
Description  3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM3-2412SW Datasheet(HTML) 2 Page - Recom International Power

  REM3-2412SW Datasheet HTML 1Page - Recom International Power REM3-2412SW Datasheet HTML 2Page - Recom International Power REM3-2412SW Datasheet HTML 3Page - Recom International Power REM3-2412SW Datasheet HTML 4Page - Recom International Power REM3-2412SW Datasheet HTML 5Page - Recom International Power REM3-2412SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
MED-2
REV.: 05/2016
www.recom-power.com
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Absolute Maximum Input Voltage
( 3sec max.)
2:1
4:1
5Vin nom.
12Vin nom.
24Vin nom.
48Vin nom.
24Vin nom.
48Vin nom
16VDC
25VDC
50VDC
100VDC
50VDC
100VDC
Under Voltage Lockout
2:1
4:1
5Vin nom.
12Vin nom.
24Vin nom.
48Vin nom.
24Vin nom.
48Vin nom
4VDC
8VDC
16VDC
33VDC
8VDC
16VDC
4.5VDC
9VDC
18VDC
36VDC
9VDC
18VDC
Start-up Time
constant resistive load, Power up or Remote ON/OFF
30ms
Remote ON/OFF
(referenced to -Vin Pin)
DC-DC ON
DC-DC OFF
Open or 0-1.2VDC
2.2-12VDC
Current of CTRL Pin
-0.5mA
1mA
Remote OFF Input Current
2.5mA
Operating Frequency Range
135kHz
150kHz
165kHz
Output Ripple and Noise
(20MHz BW limited)
10µF/25V X7R MLCC for 3.3, 5Vout
10µF/25V X7R MLCC for 12, 15Vout
4.7µF/50V X7R MLCC for 24Vout
30mVp-p
40mVp-p
50mVp-p
continued on next page
Graph1: Efficiency Factor vs. Load
Load (%)
10
0
20
30
40
50
60
70
80
90 100
0.0
0.2
0.4
0.6
0.8
1.2
1.0
Efficiency Crosstable (%) @ full load
Input Voltage
5
12
24
48
24W
48W
3.3S
81
82
82
81
82
81
05S
84.5
84.5
84.5
84
84.5
84
12S
85.5
87
87
87
87
87
15S
87.5
87
87
86.5
87
86.5
24S
85.5
87
87
86.5
87
86.5
05D
83
83.5
83
83
83
83
12D
86
87.5
86
86
87
86
15D
86
86.5
86
86
86
86
Table1: Efficiency Crosstable
Efficiency
REM3
Series
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com