Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM3-2424SW Datasheet(PDF) 6 Page - Recom International Power

Part # REM3-2424SW
Description  3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM3-2424SW Datasheet(HTML) 6 Page - Recom International Power

  REM3-2424SW Datasheet HTML 1Page - Recom International Power REM3-2424SW Datasheet HTML 2Page - Recom International Power REM3-2424SW Datasheet HTML 3Page - Recom International Power REM3-2424SW Datasheet HTML 4Page - Recom International Power REM3-2424SW Datasheet HTML 5Page - Recom International Power REM3-2424SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DC/DC Converter
REM3
Series
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
MED-6
REV.: 05/2016
www.recom-power.com
2.54
31.8
2
2.54
20.32
1
11
24 23
15
13
12
Bottom View
0.6 dia.
MEDICAL GRADE DC/DC CONVERTER
REM3-Series
15.24
15.24
2.54
31.8
2 5.08
20.32
0.6 dia.
1 2
23 22
16 14
11
Bottom View
MEDICAL GRADE DC/DC CONVERTER
REM3-Series
“C” Pinning
“A” Pinning (Standard)
Dimension Drawing (mm)
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
11
No Pin
Com
12
-Vout
No Pin
13
+Vout
-Vout
15
No Pin
+Vout
23
-Vin
-Vin
24
-Vin
-Vin
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.25mm
Pin Connections
Pin #
Single
Dual
1
CTRL*
CTRL*
2
-Vin
-Vin
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
* If don´t choose CTRL option, there is
no pin on the corresponding pin number
NC=
not connected
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.25mm
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Tube
255 x 21.8 x 16.5mm
Packaging Quantity
7pcs
Storage Temperature Range
-55°C to +125°C
Tube Dimension Drawing (mm)
21.8±0.75
11±0.75



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com