Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45C11 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # D45C11
Description  Low Saturation Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D45C11 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  D45C11 Datasheet HTML 1Page - Inchange Semiconductor Company Limited D45C11 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
2
isc website:www.iscsemi.cn
isc Silicon PNP Power Transistors
D45C11
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A ;IB= -50mA
-0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -1A ;IB= -100mA
-1.3
V
ICES
Collector Cutoff Current
VCE= -90V, VBE= 0
-10
μA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-100
μA
hFE-1
DC Current Gain
IC= -0.2A; VCE= -1V
40
120
hFE-2
DC Current Gain
IC= -1A; VCE= -1V
20
fT
Current-Gain—Bandwidth Product
IC= -20mA;VCE= -4V;ftest= 1MHz
40
MHz
Switching Times
tr
Rise Time
IC= -1A; IB1= -IB2= -0.1A;
VCC= -20V
0.2
μs
ts
Storage Time
0.6
μs
tf
Fall Time
0.3
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com