Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMG36S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FMG36S
Description  Ultrafast recovery time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FMG36S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FMG36S Datasheet HTML 1Page - Inchange Semiconductor Company Limited FMG36S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is regestered trademark
1
Ultrafast Recovery Rectifier
FMG36S
FEATURES
·Ultrafast Recovery Time
·Low Forward Voltage
·Low Leakage Current
·150℃ Operating Junction Temperature
·High Temperature Glass Passivated Junction
MECHANICAL CHARACTERISTICS
·Case: Epoxy, Molded
·Finish: All External Surfaces Corrosion Resistant and
Terminal Leads are Readily Solderable
·Lead Temperature for Soldering Purposes: 260℃ Max.
for 10 Seconds
APPLICATIONS
·Designed for use in switching power supplies, inverters and as
free wheeling diodes.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current Per Leg
(Rated VR)
Total Device
7.5
15
A
IFM
Peak Repetitive Forward Current(Rated VR,
Square Wave,20kHz)
Per Diode Leg
15
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
80
A
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃


Similar Part No. - FMG36S

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FMG36S THINKISEMI-FMG36S Datasheet
621Kb / 2P
20.0 Ampere SwitchMode Common Cathode Super Fast Rectifiers
FMG36S THINKISEMI-FMG36S Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - FMG36S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CPU04PBF VISHAY-VS-30CPU04PBF Datasheet
167Kb / 8P
Ultrafast recovery time
26-Jun-12
logo
SemiHow Co.,Ltd.
HDAE30U60G SEMIHOW-HDAE30U60G Datasheet
426Kb / 3P
Ultrafast Recovery Time
logo
Micro Commercial Compon...
MF300K04F3 MCC-MF300K04F3 Datasheet
494Kb / 4P
Ultrafast Reverse Recovery Time
logo
Vishay Siliconix
VS-30EPH03PBF VISHAY-VS-30EPH03PBF Datasheet
155Kb / 7P
Ultrafast recovery time
09-Jul-15
VS-80EBU04 VISHAY-VS-80EBU04 Datasheet
142Kb / 7P
Ultrafast recovery time
09-Jun-15
VS-HFA08SD60S-M3 VISHAY-VS-HFA08SD60S-M3 Datasheet
159Kb / 8P
Ultrafast recovery time
10-Jul-15
VS-APU3006HN3 VISHAY-VS-APU3006HN3 Datasheet
195Kb / 8P
Ultrafast recovery time
10-Jul-15
VS-EBU8006HF4 VISHAY-VS-EBU8006HF4 Datasheet
145Kb / 7P
Ultrafast recovery time
16-Jun-15
VS-ETL1506SHM3 VISHAY-VS-ETL1506SHM3 Datasheet
185Kb / 8P
Ultrafast recovery time
20-Apr-15
logo
MacMic
MMF600S120U MACMIC-MMF600S120U Datasheet
353Kb / 3P
Ultrafast Reverse Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com