Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74L74 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74L74
Description  Dual Positive-Edge-Triggered D Flip-Flops
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74L74 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  74L74 Datasheet HTML 1Page - National Semiconductor (TI) 74L74 Datasheet HTML 2Page - National Semiconductor (TI) 74L74 Datasheet HTML 3Page - National Semiconductor (TI) 74L74 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Characteristics over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VOH
High Level Output
VCC e Min IOH e Max
24
33
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
015
03
V
Voltage
VIL e Max VIH e Min
II
Input Current
Max
VCC e Max
D
100
Input Voltage
VI e 55V
Clear
300
m
A
Preset
200
Clock
200
IIH
High Level Input
VCC e Max
D
10
Current
VI e 24V
Clear
30
m
A
Preset
20
Clock
20
IIL
Low Level Input
VCC e Max
D
b
018
Current
VI e 03V
Clear
b
036
mA
Preset
b
018
Clock
b
036
IOS
Short Circuit
VCC e Max
b
3
b
15
mA
Output Current
ICC
Supply Current
VCC e Max (Note 2)
16
3
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
With all outputs open ICC is measured with the Q and Q outputs high in turn At the time of measurement the clock input is grounded
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 4kX CL e 50 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock Frequency
6
MHz
tPLH
Propagation Delay Time
Preset
60
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Preset
120
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Clear
60
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clear
120
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Clock to
10
90
ns
Low to High Level Output
Q or Q
tPHL
Propagation Delay Time
Clock to
10
120
ns
High to Low Level Output
Q or Q
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com