Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM13B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMM13B
Description  Surface mount Silicon Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMM13B Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMM13B Datasheet HTML 1Page - Diotec Semiconductor ZMM13B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZMM3B9 ... ZMM75B (500 mW - 2%)
Maximum ratings and Characteristics
(Tj = 25°C unless otherwise specified)
Grenz- und Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 2)
Zener-Spanng.2)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-spanng.
Reverse volt.
Sperrspanng.
IR = 100 nA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V] Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZMM3B9
3.81
3.99
< 85
< 600
-8…-5
1 (2μA)
122
ZMM4B3
4.20
4.40
<75
< 600
-6…-3
1 (1μA)
109
ZMM4B7
4.60
4.80
< 60
< 600
-5…+2
1 (0.5μA)
100
ZMM5B1
4.99
5.21
<35
< 550
-2…+2
1
93
ZMM5B6
5.48
5.72
< 25
< 450
-5…+5
1
83
ZMM6B2
6.07
6.33
< 10
< 200
+3…+6
2
76
ZMM6B8
6.65
6.95
< 8
< 150
+3…+7
3
69
ZMM7B5
7.34
7.66
< 7
< 50
+3…+7
5
63
ZMM8B2
8.03
8.37
< 7
< 50
+3…+8
6
57
ZMM9B1
8.91
9.29
< 10
< 50
+3…+9
7
52
ZMM10B
9.79
10.21
< 15
< 70
+3…+10
7
47
ZMM11B
10.79
11.21
< 20
< 70
+3…+11
8
43
ZMM12B
11.79
12.21
< 20
< 90
+3…+11
9
39
ZMM13B
12.68
13.32
< 26
< 110
+3…+11
10
35
ZMM15B
14.68
15.32
< 30
< 110
+3…+11
11
32
ZMM16B
15.68
16.32
< 40
< 170
+3…+11
12
29
ZMM18B
17.58
18.42
< 50
< 170
+3…+11
13
26
ZMM20B
19.58
20.42
< 55
< 220
+3…+11
15
24
ZMM22B
21.58
22.42
< 55
< 220
+4…+12
16
21
ZMM24B
23.48
24.52
< 80
< 220
+4…+12
18
20
ZMM27B
26.48
27.52
< 80
< 220
+4…+12
20
17
ZMM30B
29.38
30.62
< 80
< 220
+4…+12
22
16
ZMM33B
32.2
33.8
< 80
< 220
+4…+12
24
14
ZMM36B
35.2
36.8
< 80
< 220
+4…+12
27
13
ZMM39B
38.1
39.9
< 90
< 500
+4…+12
30
12
ZMM43B
42.0
44.0
< 90
< 500
+4…+12
33
11
ZMM47B
46.0
48.0
< 110
< 600
+4…+12
36
10
ZMM51B
49.9
52.1
< 125
< 700
+4…+12
39
9
ZMM56B
54.8
57.2
< 135
< 700
+4…+12
43
8
ZMM62B
60.7
63.3
< 150
< 1000
+4…+12
47
8
ZMM68B
66.5
69.5
< 200
< 1000
+4…+12
51
7
ZMM75B
73.4
76.6
< 250
< 1000
+4…+12
56
6
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com