Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFC Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AFC
Description  PowerBlock Micro-Miniature Modular Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AFC Datasheet(HTML) 2 Page - Astrodyne Corporation

  AFC Datasheet HTML 1Page - Astrodyne Corporation AFC Datasheet HTML 2Page - Astrodyne Corporation AFC Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PowerBlock Micro-Miniature Modular Switching Power Supplies
AFC series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage, Nominal
90-264VAC
Nominal: 100-240VAC
Input Frequency
47-63 Hz, 50-60Hz Nom.
Inrush Current
20A @ 100VAC, typ
40A @ 200VAC, typ
OUTPUT SPECIFICATIONS
Output Voltage/Current
See Specific Model
Initial Accuracy
+/-1%, typ
Load Regulation
3.3V & 5V:+/-1%, typ
20%-FL
12V, 15V, & 24V:+/-0.5%, typ
Line Regulation
3.3V & 5V:+/-1%, typ
12V, 15V, & 24V:+/-0.5%, typ
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise(20Mhz BW)
200-250mV Pk-Pk, typ
Overvoltage Protection
Clamp, 130-150% *
Hold Up Time
30mS, typ
Short Circuit Protection
Continuous *
OverTemp Protection
Latching, Recovering
Current Limit
130% typ,Self-Reset Foldback
GENERAL SPECIFICATIONS
Input-Out Isolation
3000VAC
Output-Ground Isolation
1000VAC
Input-Ground Isolation
2500VAC
Operating Frequency
100 Khz, fixed, typ
Efficiency (@ Full Load)
75 - 80%, typ
Safety
EN60950, TUV File# B050122749064
IEC60950, CB File# DE 3-51024
UL60950-1, UL File# E167432
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +50°C FL
Derate Linearly to 25%L @ 70°C
Relative Humidity
0-95%, Non-Condensing
Storage Temperature
-25 to +71°C *
MTBF
466,553 Hrs
MIL-HDBK 217, Parts Count Method,
25°C, Ground Benign
PHYSICAL SPECIFICATIONS
Case Material
Rynite, 94V-0 Rated
Construction
Encapsulated, Soft Pot
Weight
1.5 oz (42g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com