Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # APC
Description  5W Ul t raminiature Modular Swi tching Power Suppl ies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

APC Datasheet(HTML) 2 Page - Astrodyne Corporation

  APC_16 Datasheet HTML 1Page - Astrodyne Corporation APC_16 Datasheet HTML 2Page - Astrodyne Corporation APC_16 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APC SERIES
ELECTRICAL SPECIFICATIONS
D
5
1
-
C
P
A
D
2
1
-
C
P
A
D
5
-
C
P
A
)
t
u
p
t
u
O
la
u
D
(
.
o
N
le
d
o
M
Max Output Wattage (W)
5W
5W
5W
C
D
V
0
7
3
-
0
2
1
r
o
C
A
V
4
6
2
-
0
9
e
g
at
lo
V
z
H
0
4
4
-
7
4
)
z
H
(
y
c
n
e
u
q
e
r
F
Current (Full load)
110 mA max. (115 VAC) / 70 mA max. (230 VAC)
Inrush Current (<2ms)
10 A max. (115 VAC) / 20 A max. (230 VAC)
.x
a
m
A
m
5
7
.
0
t
n
e
rr
u
C
e
g
a
k
a
e
L
Input
External Fuse (recommend)
1.5 A slow blow type
Voltage (V.DC.)
±5V
±12V
±15V
%
2
±
y
c
a
r
u
c
c
A
e
g
at
lo
V
Current (mA) max
±500
±200
±160
Line Regulation (LL-HL) (typ.)
±0.3%
Load Regulation (5-100%) (typ.)
±0.5%.
Minimum Load
0%
0%
3%
Maximum Capacitive Load
470-23,000µF depending on model
)
p
-
p
V
(
x
a
m
V
m
0
4
+
t
u
o
V
%
2
.
0
<
el
p
pi
R
)
p
-
p
V
(
x
a
m
V
m
0
5
+
t
u
o
V
%
5
.
0
<
e
si
o
N
Efficiency
70%
67%
67%
.
ni
m
s
m
5
1
e
m
iT
p
u
-
dl
o
H
Output
Switching Frequency
100 kHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Input-Output (V.AC)
3000V
V
0
0
5
1
)
C
A
.
V
(
G
F
-t
u
p
n
I
Isolation
Output-FG (V.AC)
500V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
H
R
%
5
9
yt
id
i
m
u
H
Environment
)
F
7
1
2
-
K
B
D
H
-
L
I
M
(
C
°
5
2
@
h
0
0
0
,
0
0
3
>
F
B
T
M
Dimension (L x W x H)
2.17 x 1.77 x 0.81 Inches ( 55.0 x 45.0 x 20.5 mm ) Tolerance ±0.5 mm
)
0
-
V
4
9
L
U
o
t
yt
ili
b
a
m
m
al
f(
s
s
al
g
r
e
bi
F
h
ti
w
ni
s
e
r
ci
ts
al
P
la
ir
e
t
a
M
e
s
a
C
g
0
8
t
h
gi
e
W
Physical
n
oi
tc
e
v
n
o
c
ri
a
e
e
r
F
d
o
h
t
e
M
g
ni
lo
o
C
Safety
Agency Approvals
UL/cUL, CE, TUV
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 50082-1
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
5W Ultraminiature Modular Switching Power Supplies
A P C series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com